Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWTS1008 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWTS1008
Description  WR-51 to WR-42 Waveguide Transition 3 Inch Length, Square Cover Flange to UG-595/U Square Cover Flange
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWTS1008 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWTS1008 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWTS1008 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWTS1008 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Typical Performance Data
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
18
19
20
21
22
23
24
25
26
18 GHz
VSWR
WR-51 to WR-42 Waveguide Transition 3 Inch Length, Square Cover Flange to UG-595/U Square Cover Flange from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-51 to WR-42 Waveguide Transition 3 Inch Length, Square Cover Flange to UG-595/U
Square Cover Flange
PEWTS1008
URL: http://www.pasternack.com/wr51-wr42-waveguide-transition-square-ug595-square-pewts1008-p.aspx
PEWTS1008 REV 1.0
PEWTS1008
WR-51 to WR-42 Waveguide Transition 3 Inch Length,
Square Cover Flange to UG-595/U Square Cover Flange
Waveguide Transitions Technical Data Sheet



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com