Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWCP1032 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWCP1032
Description  WR-137 10 dB Directional Waveguide Broadwall Coupler, CPR-137G Grooved Flange, E-Plane Coupled Port, 5.85 GHz to 8.2 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCP1032 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWCP1032 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCP1032 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCP1032 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCP1032 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCP1032 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TECHNICAL DATA SHEET
Configuration
Design
Directional E-Plane Broadwall
Size
WR-137
Description
Input Flange
Output Flange
Coupled Flange(s)
Flange Type
CPR-137G
CPR-137G
CPR-137G
Material
Copper Alloy
Copper Alloy
Copper Alloy
Plating
Silver
Silver
Silver
...
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
•
Values at 25 °C, sea level
Typical Performance Data
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
5.8
6.0
6.2
6.4
6.6
6.8
7.0
7.2
7.4
7.6
7.8
8.0
8.2
5.85 GHz
VSWR
PEWCP1032
PEWCP1032 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 10 dB Directional Waveguide Broadwall Coupler, CPR-137G Grooved Flange, E-
Plane Coupled Port, 5.85 GHz to 8.2 GHz PEWCP1032
WR-137 10 dB Directional Waveguide Broadwall
Coupler, CPR-137G Grooved Flange, E-Plane
Coupled Port, 5.85 GHz to 8.2 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com