Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWCP1035 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCP1035
Description  WR-34 20 dB Waveguide Crossguide Coupler, UG-1530/U Square Cover Flange, 22 GHz to 33 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCP1035 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCP1035 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCP1035 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCP1035 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCP1035 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCP1035 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TECHNICAL DATA SHEET
The PEWCP1035 is a WR-34 crossguide waveguide coupler that operates in the frequency range of 22 to 33 GHz. This
Waveguide component has a typical VSWR of 1.05:1. These designs are made of painted copper alloy and incorporate a
cross wall configuration that result in a mid-band nominal coupling value of 20, 30, 40 or 50 dB. Common applications for this
component would be where power measurements are required within a system for measuring/sampling power or frequency
monitoring with minimal signal loss to the main transmission line. This WR-34 waveguide coupler uses standard UG-1530/U
square cover flanges. Pasternack offers a complete family of waveguide Crossguide and Top wall couplers that are in-stock
and ship same day.
Features
• Crossguide Waveguide Coupler
•
20 dB Nominal Coupling Level
• 22 GHz to 33 GHz Frequency Range
•
Body and Flanges made of Copper Alloy
•
Low VSWR
Applications
•
Test Benches
• Radar
• Satellite
• Microwave Radio
•
Attenuation Measurements
• Power Measurements
•
Source Leveling
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
22
33
GHz
Directivity
20
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Nominal Coupling Level
20
dB
.
Mechanical Specifications
Size
Length
2.5 in [63.5 mm]
Width/Dia.
2.5 in [63.5 mm]
.
Weight
0.25 lbs [113.4 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-34 20 dB Waveguide Crossguide Coupler, UG-1530/U Square Cover Flange, 22 GHz to
33 GHz PEWCP1035
PEWCP1035
PEWCP1035 REV 1.0
WR-34 20 dB Waveguide Crossguide Coupler, UG-
1530/U Square Cover Flange, 22 GHz to 33 GHz


Similar Part No. - PEWCP1035

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCP1030 PASTERNACK-PEWCP1030 Datasheet
424Kb / 5P
WR-137 20 dB Directional Waveguide Broadwall Coupler, UG-344/U Round Cover Flange, E-Plane Coupled Port, 5.85 GHz to 8.2 GHz
PEWCP1031 PASTERNACK-PEWCP1031 Datasheet
424Kb / 5P
WR-137 30 dB Directional Waveguide Broadwall Coupler, UG-344/U Square Cover Flange, E-Plane Coupled Port, 5.85 GHz to 8.2 GHz
PEWCP1032 PASTERNACK-PEWCP1032 Datasheet
438Kb / 5P
WR-137 10 dB Directional Waveguide Broadwall Coupler, CPR-137G Grooved Flange, E-Plane Coupled Port, 5.85 GHz to 8.2 GHz
PEWCP1033 PASTERNACK-PEWCP1033 Datasheet
446Kb / 5P
WR-137 20 dB Directional Waveguide Broadwall Coupler, CPR-137G Grooved Flange, E-Plane Coupled Port, 5.85 GHz to 8.2 GHz
PEWCP1034 PASTERNACK-PEWCP1034 Datasheet
445Kb / 5P
WR-137 30 dB Directional Waveguide Broadwall Coupler, CPR-137G Grooved Flange, E-Plane Coupled Port, 5.85 GHz to 8.2 GHz
More results

Similar Description - PEWCP1035

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCP1005 PASTERNACK-PEWCP1005 Datasheet
423Kb / 5P
WR-34 10 dB Directional Waveguide Broadwall Coupler, UG-1530/U Square Cover Flange,E-Plane Coupled Port, 22 GHz to 33 GHz
PEWCP1006 PASTERNACK-PEWCP1006 Datasheet
422Kb / 5P
WR-34 20 dB Directional Waveguide Broadwall Coupler, UG-1530/U Square Cover Flange,E-Plane Coupled Port, 22 GHz to 33 GHz
PEWCP1007 PASTERNACK-PEWCP1007 Datasheet
422Kb / 5P
WR-34 30 dB Directional Waveguide Broadwall Coupler, UG-1530/U Square Cover Flange, E-Plane Coupled Port, 22 GHz to 33 GHz
PEWCP1036 PASTERNACK-PEWCP1036 Datasheet
409Kb / 5P
WR-34 30 dB Waveguide Crossguide Coupler, UG-1530/U Square Cover Flange, 22 GHz to 33 GHz
PEWCP1037 PASTERNACK-PEWCP1037 Datasheet
409Kb / 5P
WR-34 40 dB Waveguide Crossguide Coupler, UG-1530/U Square Cover Flange, 22 GHz to 33 GHz
PEWCP1038 PASTERNACK-PEWCP1038 Datasheet
410Kb / 5P
WR-34 50 dB Waveguide Crossguide Coupler, UG-1530/U Square Cover Flange, 22 GHz to 33 GHz
PEWCP1043 PASTERNACK-PEWCP1043 Datasheet
407Kb / 5P
WR-51 20 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz
PEWCP1047 PASTERNACK-PEWCP1047 Datasheet
408Kb / 5P
WR-62 20 dB Waveguide Crossguide Coupler, UG-419/U Square Cover Flange, 12.4 GHz to 18 GHz
PEWCP1055 PASTERNACK-PEWCP1055 Datasheet
408Kb / 5P
WR-90 20 dB Waveguide Crossguide Coupler, UG-39/U Square Cover Flange, 8.2 GHz to 12.4 GHz
PEWAD5009 PASTERNACK-PEWAD5009 Datasheet
418Kb / 4P
WR-34 Waveguide Bulkhead Adapter UG-1530/U Square Cover Flange, 22 GHz to 33 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com