Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWCP1059 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCP1059
Description  WR-90 20 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCP1059 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCP1059 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCP1059 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCP1059 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCP1059 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCP1059 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TECHNICAL DATA SHEET
The PEWCP1059 is a WR-90 crossguide waveguide coupler that operates in the frequency range of 8.2 to 12.4 GHz. This
Waveguide component has a typical VSWR of 1.05:1. These designs are made of painted copper alloy and incorporate a
cross wall configuration that result in a mid-band nominal coupling value of 20, 30, 40 or 50 dB. Common applications for this
component would be where power measurements are required within a system for measuring/sampling power or frequency
monitoring with minimal signal loss to the main transmission line. This WR-90 waveguide coupler uses grooved CPR-90
flanges. Pasternack offers a complete family of waveguide Crossguide and Top wall couplers that are in-stock and ship same
day.
Features
• Crossguide Waveguide Coupler
20 dB Nominal Coupling Level
• 8.2 GHz to 12.4 GHz Frequency Range
Body and Flanges made of Copper Alloy
Low VSWR
• Grooved CPR
Applications
Test Benches
• Radar
• Satellite
• Microwave Radio
Attenuation Measurements
• Power Measurements
Source Leveling
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
8.2
12.4
GHz
Directivity
25
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Nominal Coupling Level
20
dB
.
Mechanical Specifications
Size
Length
3 in [76.2 mm]
Width/Dia.
3 in [76.2 mm]
.
Weight
1.07 lbs [485.34 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-90 20 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to
12.4 GHz PEWCP1059
PEWCP1059
PEWCP1059 REV 1.0
WR-90 20 dB Waveguide Crossguide Coupler, CPR-
90G Grooved Flange, 8.2 GHz to 12.4 GHz


Similar Part No. - PEWCP1059

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCP1050 PASTERNACK-PEWCP1050 Datasheet
409Kb / 5P
WR-62 50 dB Waveguide Crossguide Coupler, UG-419/U Square Cover Flange, 12.4 GHz to 18 GHz
PEWCP1051 PASTERNACK-PEWCP1051 Datasheet
407Kb / 5P
WR-75 20 dB Waveguide Crossguide Coupler, Square Cover Flange, 10 GHz to 15 GHz
PEWCP1052 PASTERNACK-PEWCP1052 Datasheet
407Kb / 5P
WR-75 30 dB Waveguide Crossguide Coupler, Square Cover Flange, 10 GHz to 15 GHz
PEWCP1053 PASTERNACK-PEWCP1053 Datasheet
408Kb / 5P
WR-75 40 dB Waveguide Crossguide Coupler, Square Cover Flange, 10 GHz to 15 GHz
PEWCP1054 PASTERNACK-PEWCP1054 Datasheet
408Kb / 5P
WR-75 50 dB Waveguide Crossguide Coupler, Square Cover Flange, 10 GHz to 15 GHz
More results

Similar Description - PEWCP1059

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1072 PASTERNACK-PEWCT1072 Datasheet
533Kb / 5P
WR-90 Waveguide 20 dB Crossguide Coupler, CPR-90G Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1073 PASTERNACK-PEWCT1073 Datasheet
534Kb / 5P
WR-90 Waveguide 30 dB Crossguide Coupler, CPR-90G Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1075 PASTERNACK-PEWCT1075 Datasheet
534Kb / 5P
WR-90 Waveguide 50 dB Crossguide Coupler, CPR-90G Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1081 PASTERNACK-PEWCT1081 Datasheet
530Kb / 5P
WR-90 Waveguide 30 dB Crossguide Coupler, CPR-90G Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1082 PASTERNACK-PEWCT1082 Datasheet
530Kb / 5P
WR-90 Waveguide 40 dB Crossguide Coupler, CPR-90G Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCP1021 PASTERNACK-PEWCP1021 Datasheet
448Kb / 5P
WR-90 20 dB Directional Waveguide Broadwall Coupler, CPR-90G Grooved Flange, E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PEWCP1060 PASTERNACK-PEWCP1060 Datasheet
432Kb / 5P
WR-90 30 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCP1061 PASTERNACK-PEWCP1061 Datasheet
432Kb / 5P
WR-90 40 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCP1062 PASTERNACK-PEWCP1062 Datasheet
433Kb / 5P
WR-90 50 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCP1075 PASTERNACK-PEWCP1075 Datasheet
431Kb / 5P
WR-137 20 dB Waveguide Crossguide Coupler, CPR-137G Grooved Flange, 5.85 GHz to 8.2 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com