Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWCP1072 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWCP1072
Description  WR-137 30 dB Waveguide Crossguide Coupler, UG-344/U Round Cover Flange, 5.85 GHz to 8.2 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCP1072 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWCP1072 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCP1072 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCP1072 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCP1072 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCP1072 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TECHNICAL DATA SHEET
Configuration
Design
Crossguide
Size
WR-137
Description
Input Flange
Output Flange
Coupled Flange(s)
Flange Type
Round Cover
Round Cover
Round Cover
Flange Designation
UG-344/U
UG-344/U
UG-344/U
Material
Copper Alloy
Copper Alloy
Copper Alloy
...
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
•
Values at 25 °C, sea level
Typical Performance Data
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
5.8
6.1
6.4
6.7
7.0
7.3
7.6
7.9
8.2
5.8 GHz
VSWR
PEWCP1072
PEWCP1072 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 30 dB Waveguide Crossguide Coupler, UG-344/U Round Cover Flange, 5.85 GHz to
8.2 GHz PEWCP1072
WR-137 30 dB Waveguide Crossguide Coupler, UG-
344/U Round Cover Flange, 5.85 GHz to 8.2 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com