Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML13135LP Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

Part # ML13135LP
Description  FM Communications Receiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13135LP Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML13135LP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13135LP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.lansdale.com
Page 3 of 11
Issue 0
LANSDALE Semiconductor, Inc.
ML13135
Figure 1.
24
0.2
µH
RF
Input
62 pF
0.001
23
22
21
20
19
18
180 p
0.01
0.1
360
Ceramic
Filter
10.7 MHz
455 kHz
Quad
Coil
39 k
39 k
0.1
8.2 k
17
16
15
14
13
12
0.1
0.01
3
2
1
4
5
6
7
8
9
10
11
0.1
0.1
0.1
Ceramic
Filter
455 kHz
10.245
MHz Xtal
39.0
MHz
Xtal
20 p
5.0 p
50 p
5.0 k
120 p
0.1
VCC
0.1
1.0 k
0.84
µH
AF
VCC2
2nd LO
VCC1
1st LO
Varicap
Limiter
Demod
Figure 1a. ML13135 Test Circuit
The recovered audio measurements for the ML13135 are
made with an LC quadrature detector. The typical recovered
audio will depend on the external circuit; either the Q of the
quad coil, or the RC matching network for the ceramic dis-
criminator. See Figures 10 and 11 for additional information.
Since adding a matching circuit to the RF input increases the
signal level to the mixer, the third order intercept (TOI) point
is better with an unmatched input (50 Ω from Pin 21 to Pin
22). Typical values for both have been included in the
Electrical Characterization Table. TOI measurements were
taken at the pins with a high impedance probe/spectrum ana-
lyzer system. The first mixer input impedance was measured at
the pin with a network analyzer.
TEST CIRCUIT INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com