Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPF522 Datasheet(PDF) 8 Page - TT Electronics.

Part # OPF522
Description  Fiber Optic Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF522 Datasheet(HTML) 8 Page - TT Electronics.

  OPF522 Datasheet HTML 1Page - TT Electronics. OPF522 Datasheet HTML 2Page - TT Electronics. OPF522 Datasheet HTML 3Page - TT Electronics. OPF522 Datasheet HTML 4Page - TT Electronics. OPF522 Datasheet HTML 5Page - TT Electronics. OPF522 Datasheet HTML 6Page - TT Electronics. OPF522 Datasheet HTML 7Page - TT Electronics. OPF522 Datasheet HTML 8Page - TT Electronics. OPF522 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Fiber Optic Receiver
OPF520 Series
Issue D
08/2016
Page 8
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Performance
Typical Waveforms for
Various Frequencies
(62.5/125 μm fiber, VCC = 5.25 V, POC = 10μW (peak)
(See Recommended Test Circuit)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com