Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST730C14L1 Datasheet(PDF) 5 Page - International Rectifier

Part # ST730C14L1
Description  PHASE CONTROL THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST730C14L1 Datasheet(HTML) 5 Page - International Rectifier

  ST730C14L1 Datasheet HTML 1Page - International Rectifier ST730C14L1 Datasheet HTML 2Page - International Rectifier ST730C14L1 Datasheet HTML 3Page - International Rectifier ST730C14L1 Datasheet HTML 4Page - International Rectifier ST730C14L1 Datasheet HTML 5Page - International Rectifier ST730C14L1 Datasheet HTML 6Page - International Rectifier ST730C14L1 Datasheet HTML 7Page - International Rectifier ST730C14L1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ST730C..L Series
5
www.irf.com
Bulletin I25191 rev. D 04/03
Outline Table
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
20
30
40
50
60
70
80
90
100
110
120
130
0
200
400
600
800
1000
1200
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Period
ST730C..LSeries
(Single Side Cooled)
R
(DC) = 0.073 K/ W
thJ-hs
40
50
60
70
80
90
100
110
120
130
0
100
200
300
400
500
600
700
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uction Angle
ST730C..L Series
(Single Side Cooled)
R
(DC) = 0.073 K/ W
thJ-hs
Case Style TO-200AC (B-PUK)
All dimensions in millimeters (inches)
TWO PLACES
PIN RECEPTACLE
AMP. 60598-1
0.7 (0.03) MIN.
34 (1.34) DIA. MAX.
53 (2.09) DIA. MAX.
2 HOLES DIA. 3.5 (0.14) x
2.5 (0.1) DEEP
4.7 (0.18)
0.7 (0.03) MIN.
6.2 (0.24) MIN.
20°± 5°
36.5 (1.44)
CREPAGE DISTANCE 36.33 (1.430) MIN.
STRIKE DISTANCE 17.43 (0.686) MIN.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com