Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C3260 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3260
Description  Water Blue FAKRA Jack to BNC Male Cable Using RG174 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3260 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3260 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3260 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3260 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3260 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: FAKRA Jack
• Connector 2: BNC Male
• Cable Type: RG174
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.4:1
Velocity of Propagation
66
%
Capacitance
31.1 [102.03]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
Insertion Loss (Max.)
1.04
1.08
1.14
1.21
1.32
dB/ft
3.41
3.54
3.74
3.97
4.33
dB/m
Insertion Loss (Typ.)
0.242
0.284
0.337
0.412
0.52
dB/ft
0.79
0.93
1.11
1.35
1.71
dB/m
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
RG174
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Water Blue FAKRA Jack to BNC Male Cable Using RG174 Coax PE3C3260
PE3C3260 REV
Water Blue FAKRA Jack to BNC Male Cable Using RG174 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3260


Similar Part No. - PE3C3260

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3205 PASTERNACK-PE3C3205 Datasheet
415Kb / 5P
SMA Female to TNC Male Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C3205-100CM PASTERNACK-PE3C3205-100CM Datasheet
415Kb / 5P
SMA Female to TNC Male Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C3205-12 PASTERNACK-PE3C3205-12 Datasheet
415Kb / 5P
SMA Female to TNC Male Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C3205-150CM PASTERNACK-PE3C3205-150CM Datasheet
415Kb / 5P
SMA Female to TNC Male Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C3205-200CM PASTERNACK-PE3C3205-200CM Datasheet
415Kb / 5P
SMA Female to TNC Male Low Loss Cable 200 cm Length Using PE-P142LL Coax, RoHS
More results

Similar Description - PE3C3260

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE38746Z PASTERNACK-PE38746Z Datasheet
419Kb / 4P
Water Blue FAKRA Jack to FAKRA Jack Cable Using PE-C100-LSZH Coax
PE3C2295 PASTERNACK-PE3C2295 Datasheet
365Kb / 4P
BNC Male to BNC Male Cable Using RG174 Coax
PE3C3325 PASTERNACK-PE3C3325 Datasheet
363Kb / 4P
BNC Male to BNC Female Cable Using RG174 Coax
PE3C3435 PASTERNACK-PE3C3435 Datasheet
359Kb / 4P
SMB Jack Bulkhead to BNC Male Cable Using RG174 Coax
PE3C3445 PASTERNACK-PE3C3445 Datasheet
357Kb / 4P
QMA Male to BNC Male Cable Using RG174 Coax
PE3C3454 PASTERNACK-PE3C3454 Datasheet
398Kb / 4P
Black FAKRA Plug to BNC Male Cable Using RG174 Coax
PE3C3455 PASTERNACK-PE3C3455 Datasheet
398Kb / 4P
White FAKRA Plug to BNC Male Cable Using RG174 Coax
PE3C3456 PASTERNACK-PE3C3456 Datasheet
399Kb / 4P
Blue FAKRA Plug to BNC Male Cable Using RG174 Coax
PE3C3457 PASTERNACK-PE3C3457 Datasheet
398Kb / 4P
Violet FAKRA Plug to BNC Male Cable Using RG174 Coax
PE3C3462 PASTERNACK-PE3C3462 Datasheet
399Kb / 4P
White FAKRA Jack to BNC Male Cable Using RG174 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com