Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPV314AT Datasheet(PDF) 2 Page - TT Electronics.

Part # OPV314AT
Description  Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPV314AT Datasheet(HTML) 2 Page - TT Electronics.

  OPV314AT Datasheet HTML 1Page - TT Electronics. OPV314AT Datasheet HTML 2Page - TT Electronics. OPV314AT Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue B
11/2016
Page 2
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
OPV314AT, OPV314YAT, OPV314YBT
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
PT50
Total coupled power OPV314AT, OPV314YAT
50/125 µm fiber
OPV314YBT
600
µW
IF = 7 mA
400
µW
IF = 7 mA
ITH
Threshold current
0.8
3.0
mA
Note 1
VF
Forward voltage
1.6
2.2
V
IF = 7 mA
IR
Reverse current
100
nA
VR = 5 V
RS
Series resistance
20
55
Ohms
Note 2
ɳ
Slope efficiency
OPV314AT, OPV314YAT
OPV314YBT
60
µW/mA
Note 3
40
µW/mA
IRPD
Reverse current, photodiode
30
nA
VR = 40 V
IM
Monitor current
30
µA
IF = 7 mA, VR = 5 V
λ
Wavelength
840
860
Nm
∆λ
Optical bandwidth
0.85
Nm
tr
Rise time
90
Ps
20 to 80%
tf
Fall time
120
Ps
80 to 20%
NRI
Relatively intensity noise
-123
Db/Hz
∆ɳ/∆T
Temp coefficient of slope efficiency
-0.4
%/°C
0° - 70°C
∆ITH
Temp variance of threshold current
±1.0
mA
0° - 70°C
∆λ/∆T
Temp coefficient of wavelength
0.06
Nm/°C
0° - 70°C
∆Vf/∆T
Temperature coefficient for VF
-2.5
Mv/°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com