Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B140 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B140
Description  step-down DC/DC converter designed to drive LEDs with a constant current.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B140 Datasheet(HTML) 2 Page - Diodes Incorporated

  B140 Datasheet HTML 1Page - Diodes Incorporated B140 Datasheet HTML 2Page - Diodes Incorporated B140 Datasheet HTML 3Page - Diodes Incorporated B140 Datasheet HTML 4Page - Diodes Incorporated B140 Datasheet HTML 5Page - Diodes Incorporated B140 Datasheet HTML 6Page - Diodes Incorporated B140 Datasheet HTML 7Page - Diodes Incorporated B140 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP8800EV1
Issue 3 – August 2009
www.diodes.com
© Diodes Incorporated 2009
2
AP8800 DEVICE FEATURES
•
LED driving current up to 350mA
•
Input voltage from 8V to 28V
•
High efficiency up to 92%
•
High switching frequency up to 500KHz
minimum
•
PWM/DC input for dimming control
•
Built-in soft-start function
•
Built-in output open-circuit protection
•
SOP-8L, MSOP-8L and DFN3030-10 are
available in “Green” Molding Compound (No
Br, Sb)
•
Lead Free Finish/RoHS Compliant
DEVICE APPLICATIONS
•
Commercial & industrial lighting
•
Small LCD panel backlighting
•
Appliance interior lighting
•
Architecture detail lighting
AP8800 Device Packages, Pin and Definitions
(1) SOP-8L
(2) MSOP-8L
SOP-8L
1
2
3
4
5
6
7
8
( Top View )
RSVD
GND
AP8800
SW
NC
CTRL
SET
NC
VIN
MSOP-8L
1
2
3
4
5
6
7
8
( Top View )
RSVD
GND
AP8800
SW
NC
CTRL
SET
NC
VIN
(3) DFN3030-10
( Top View )
1
2
5
3
4
6
8
7
10
9
DFN3030-10
GND
RSVD
NC
CTRL
SW
NC
VIN
NC
SET
NC
AP8800
Pin Description
Name
Description
SW
Switch Pin. Connect inductor/freewheeling diode here. Minimize trace area at this pin to reduce
EMI.
GND
GND pin
SET
Set Nominal Output Current Pin. Configure the output current of the device.
CTRL
Dimming and On/Off Control Input. Input voltage of 0.2V or lower forces the device into low
current standby mode and shut off the output. A PWM signal allows the output current to be
adjusted above or below the level set by the resistor connected to SET input pin.
The input impedance is about 200k, and if the pin is left open VCTRL = VREF
VIN
Input Supply Pin. Must be locally bypassed with a capacitor.
NC
No connection
ORDERING INFORMATION
EVALBOARD ORDER
NUMBER
AP8800EV1
Please note: Evaluation boards are subject
to availability and qualified leads.
DEVICE ORDER NUMBER
Device
Package
Tape &
Reel
S (SOP8L)
-13
M8 (MSOP-8L)
-13
AP8800
FN(DFN3030-10)
-7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com