Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8801EV2 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP8801EV2
Description  The evaluation board does not have reverse polarity protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8801EV2 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP8801EV2 Datasheet HTML 1Page - Diodes Incorporated AP8801EV2 Datasheet HTML 2Page - Diodes Incorporated AP8801EV2 Datasheet HTML 3Page - Diodes Incorporated AP8801EV2 Datasheet HTML 4Page - Diodes Incorporated AP8801EV2 Datasheet HTML 5Page - Diodes Incorporated AP8801EV2 Datasheet HTML 6Page - Diodes Incorporated AP8801EV2 Datasheet HTML 7Page - Diodes Incorporated AP8801EV2 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 5 – August 2009
www.diodes.com
© Diodes Incorporated, 2009
AP8801EV2 USER GUIDE
DESCRIPTION
The AP8801EV2, Figure 1, is a PCB constructed using an FR4 base for evaluating the AP8801 LED
driver with internal switch in MSOP-8L package. The evaluation board can be used to drive an
external choice of LEDs; the total forward voltage across the LEDs depending on the number and
type connected. [1]
The suggested operating voltage for the evaluation board ranges from 8V to 45V maximum.
Higher voltage means lower supply current.
The nominal current for the evaluation board is set at 460mA with a 0R43 sense resistor, R1.
Test point CTRL provides a connection point for DC or PWM dimming and shutdown.
Note: The evaluation board does not have reverse polarity protection
Warning: with 500mA output, the connected LED will be hot and very bright
Figure1: AP8801EV2 Evaluation Board
AP8801 DEVICE DESCRIPTION
The AP8801 is a step-down DC/DC converter designed to drive LEDs with a constant current. The
device can drive up to thirteen LEDs, depending largely on the forward voltage of the LEDs, in series
from a voltage source of 8V to 48V. Series connection of the LEDs provides identical LED currents
resulting in uniform brightness and eliminates the need for ballast resistors. The AP8801 switches at
frequencies up to 500kHz. This allows the use of small size external components, hence minimizing
the PCB area needed.
Maximum output current of AP8801 is set via an external resistor connected between the VIN and SET
input pins. Dimming is achieved by applying either a DC voltage or a PWM signal at the CTRL input
pin. An input voltage of 0.2V or lower at CTRL shuts down the output at SW and puts the device into
a low-current standby state.
The device includes the output switch and a current sense circuit, which requires an external sense
resistor to set the nominal current up to 500mA.


Similar Part No. - AP8801EV2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8801EV1 DIODES-AP8801EV1 Datasheet
214Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
More results

Similar Description - AP8801EV2

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
EN016 XILINX-EN016 Datasheet
70Kb / 3P
The FIFO16 does not correctly generate the ALMOST EMPTY
logo
SynQor Worldwide Headqu...
MQME-270-R SYNQOR-MQME-270-R Datasheet
6Mb / 15P
Reverse polarity protection
logo
Diodes Incorporated
AL8805EV1 DIODES-AL8805EV1 Datasheet
144Kb / 8P
The evaluation board does not have reverse supply protection
AUGUST 2010
AL8807AEV1 DIODES-AL8807AEV1 Datasheet
104Kb / 8P
The evaluation board does not have reverse supply protection.
OCTOBER 2012
AL8807AEV3 DIODES-AL8807AEV3 Datasheet
105Kb / 8P
The evaluation board does not have reverse supply protection
OCTOBER 2012
AL8807EV1 DIODES-AL8807EV1 Datasheet
185Kb / 8P
The evaluation board does not have reverse supply protection.
OCTOBER 2011
AL8807EV3 DIODES-AL8807EV3 Datasheet
197Kb / 8P
The evaluation board does not have reverse supply protection
DECEMBER 2011
AP8800EV2 DIODES-AP8800EV2 Datasheet
177Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
AP8801EV1 DIODES-AP8801EV1 Datasheet
214Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
logo
List of Unclassifed Man...
APA102 ETC2-APA102 Datasheet
1Mb / 5P
Intelligent reverse connect protection, the power supply reverse connection does not damage the IC.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com