| Electronic Components Datasheet Search |
|
TLC080A Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC080A Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 52 page ![]() TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS254D − JUNE 1999 − REVISED FEBRUARY 2004 22 WWW.TI.COM APPLICATION INFORMATION general PowerPAD design considerations The TLC08x is available in a thermally-enhanced PowerPAD family of packages. These packages are constructed using a downset leadframe upon which the die is mounted [see Figure 52(a) and Figure 52(b)]. This arrangement results in the lead frame being exposed as a thermal pad on the underside of the package [see Figure 52(c)]. Because this thermal pad has direct thermal contact with the die, excellent thermal performance can be achieved by providing a good thermal path away from the thermal pad. The PowerPAD package allows for both assembly and thermal management in one manufacturing operation. During the surface-mount solder operation (when the leads are being soldered), the thermal pad can also be soldered to a copper area underneath the package. Through the use of thermal paths within this copper area, heat can be conducted away from the package into either a ground plane or other heat dissipating device. The PowerPAD package represents a breakthrough in combining the small area and ease of assembly of surface mount with the, heretofore, awkward mechanical methods of heatsinking. DIE Side View (a) End View (b) Bottom View (c) DIE Thermal Pad NOTE B: The thermal pad is electrically isolated from all terminals in the package. Figure 52. Views of Thermally Enhanced DGN Package Although there are many ways to properly heatsink the PowerPAD package, the following steps illustrate the recommended approach. 68 mils x 70 mils with 5 vias (Via diameter = 13 mils) 78 mils x 94 mils with 9 vias (Via diameter = 13 mils) Thermal Pad Area Single or Dual Quad Figure 53. PowerPAD PCB Etch and Via Pattern |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |