Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYW43362 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CYW43362
Description  Single-Chip IEEE 802.11?줮/g/n MAC/Baseband/Radio
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43362 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CYW43362 Datasheet HTML 35Page - Cypress Semiconductor CYW43362 Datasheet HTML 36Page - Cypress Semiconductor CYW43362 Datasheet HTML 37Page - Cypress Semiconductor CYW43362 Datasheet HTML 38Page - Cypress Semiconductor CYW43362 Datasheet HTML 39Page - Cypress Semiconductor CYW43362 Datasheet HTML 40Page - Cypress Semiconductor CYW43362 Datasheet HTML 41Page - Cypress Semiconductor CYW43362 Datasheet HTML 42Page - Cypress Semiconductor CYW43362 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Document No. 002-14779 Rev. *H
Page 39 of 51
CYW43362
12. Internal Regulator Electrical Specifications
Note: Values in this document are design goals and are subject to change based on the results of device characterization.
Functional operation is not guaranteed outside the specification limits provided in this section.
12.1 Core Buck Regulator
The specifications for the Core Buck regulator (CBUCK) are provided in Table 18.
Table 18. Core Buck Regulator
Specification
Notes
Minimum
Typical
Maximum
Units
Input supply voltage
–
2.3
–
4.8a
Volts
PWM mode switching
frequency
–
2.56
3.2
3.84
MHz
PWM output current
–
–
–
500
mA
Output current limit
–
–
700
–
mA
Output voltage range
Programmable, 33.33 mV steps
default = 1.8V
1.2
–
1.833
Volts
Output voltage DC accuracy
Includes load and line regulation. VBAT = 2.7V to 4.8V, Load
0 to 500 mA, Inductor DCR < 137.5 mΩ
–5
–
5
%
PWM ripple voltage, staticb
Measure with 20 MHz BW limit.
Fixed load (0 to 500 mA).
Max ripple based on VBAT < 4.3V, Vout = 1.833V, Fs = 3.2
MHz, 1.5 µH inductor L > 0.6144 µH, Cap+Board total-ESR
< 10 mΩ, Cout > 1.9 µF
–
7
20
mVpp
PWM load step transient
voltage error
VBAT = 2.7V to 4.8V,
current step = 150 to 400 mA,
1 µsec rise-time based on 0402, 6.3V,
X5R, and 4.7 µFc ceramic capacitor.
–
100
200
mV
PWM line step
transient voltage error
VBAT step from 2.3 to 2.7V,
10 µsec rise-time,
fixed 500 mA load based on 0402, 6.3V,
X5R, and 4.7 µFb ceramic capacitor.
–
50
100
mV
PWM load regulationa
VBAT = 2.7V to 4.8V,
10 mA to 500 mA load.
Inductor DCR < 137.5 mΩ
–
–
+30
mV
PWM line regulationa
VBAT = 2.7V to 4.8V,
500 mA load.
Inductor DCR < 137.5 mΩ
–
–
+10
mV
Burst mode ripple voltage, static Load < 30 mA.
Measure with 20 MHz BW limit.
–
–
80
mVpp
30 mA < Load < 200 mA.
Measure with 20 MHz BW limit.
–
–
200
mVpp
Burst mode load step transient
voltage error
VBAT = 2.7V to 4.8V,
current step 10 to 200 mA,
1 µsec rise-time based on 0402, 6.3V,
X5R, and 4.7 µFb ceramic capacitor.
–
60
120
mV
Burst mode line step transient
voltage error
VBAT step from 2.3V to 2.7V,
10 µsec rise-time, fixed 200 mA load based on 0402, 6.3V,
X5R, and 4.7 µFb ceramic capacitor.
–
50
100
mV
Burst mode load regulation
VBAT = 2.7V to 4.8V,
10 mA to 200 mA load
–
35
50
mV
Burst line regulation
Input voltage 2.7 to 4.8V, 200 mA load
–
44
70
mV
Peak PWM mode efficiencyd
200 mA load current
30 mA load current
80
60
90
–
%
%
Burst mode efficiency
5 mA load current
70
80
–
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com