Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML145152YP Datasheet(PDF) 7 Page - LANSDALE Semiconductor Inc.

Part # ML145152YP
Description  PLL Frequency Synthesizer Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145152YP Datasheet(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button ML145152YP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145152YP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145152YP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145152YP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145152YP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145152YP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145152YP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145152YP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145152YP Datasheet HTML 11Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
www.lansdale.com
Page 7 of 35
Issue A
their respective programmed values, and the above sequence
repeated. This provides for a total programmable divide value
(NT)=N•P+A where P and P + 1 represent the dual–modulus
prescaler divide values respectively for high and low MC lev-
els, N the number programmed into the ÷ N counter, and A the
number programmed into the ÷ A counter.
LD
Lock Detector Output (Pin 28)
Essentially a high level when loop is locked (fR, fV of same
phase and frequency). Pulses low when loop is out of lock.
POWER SUPPLY
VDD
Positive Power Supply (Pin 3)
The positive power supply potential. This pin may range from
+ 3 to + 9 V with respect to VSS.
VSS
Negative Power Supply (Pin 2)
The most negative supply potential. This pin is usually-
ground.
LANSDALE Semiconductor, Inc.
ML145152
TYPICAL APPLICATIONS
Figure 1. Synthesizer for Land Mobile Radio VHF Bands
NOTES:
1. Off–chip oscillator optional.
2. The
φR and φV outputs are fed to an external combiner/loop filter. See the Phase–Locked Loop — Low–Pass Filter
Design page for additional information. The
φR and φV outputs swing rail–to–rail. Therefore, the user should be careful
not to exceed the common mode input range of the op amp used in the combiner/loop filter.
LOCK DETECT SIGNAL
10.24 MHz
NOTE 1
R1
MC33171
NOTE 2
+
150 – 175 MHz
5 kHz STEPS
ML12017
÷ 64/65 PRESCALER
ML145152
MC
LD
A0
A5
N9
OSCin
VDD
VSS
OSCout
RA2
RA1
φR
φV
fin
–
VCO
RA0
N0
+ V
R1
R2
C
R2
C
“1”
“1”
“1”
NO CONNECTS
CHANNEL PROGRAMMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com