Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT68M8LSS-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMT68M8LSS-13
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT68M8LSS-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMT68M8LSS-13 Datasheet HTML 1Page - Diodes Incorporated DMT68M8LSS-13 Datasheet HTML 2Page - Diodes Incorporated DMT68M8LSS-13 Datasheet HTML 3Page - Diodes Incorporated DMT68M8LSS-13 Datasheet HTML 4Page - Diodes Incorporated DMT68M8LSS-13 Datasheet HTML 5Page - Diodes Incorporated DMT68M8LSS-13 Datasheet HTML 6Page - Diodes Incorporated DMT68M8LSS-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMT68M8LSS
Document number: DS39396 Rev. 2 - 2
2 of 7
www.diodes.com
May 2017
© Diodes Incorporated
DMT68M8LSS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
TA = +25°C
TA = +70°C
ID
12.1
9.7
A
TC = +25°C
TC = +70°C
ID
28.9
9.7
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
100
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
20
A
Pulsed Body Diode Forward Current (10µs Pulse, Duty Cycle = 1%)
ISM
100
A
Avalanche Current, L = 0.3mH
IAS
19
A
Avalanche Energy, L = 0.3mH
EAS
54.2
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
1.3
W
Thermal Resistance, Junction to Ambient (Note 5)
RJA
93
°C/W
Total Power Dissipation (Note 6)
PD
1.9
W
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
67
°C/W
Thermal Resistance, Junction to Case (Note 6)
RθJC
11.7
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
—
—
1
μA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±10
μA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1
—
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
6.7
8.5
m
Ω
VGS = 10V, ID = 13.5A
—
8.9
12
VGS = 4.5V, ID = 11.5A
Diode Forward Voltage
VSD
—
0.9
1.2
V
VGS = 0V, IS = 20A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
2107
—
pF
VDS = 30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
634
—
Reverse Transfer Capacitance
Crss
—
48
—
Gate Resistance
Rg
—
1.8
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 10V)
Qg
—
31.8
—
nC
VDD = 30V, ID = 20A
Total Gate Charge (VGS = 4.5V)
Qg
—
15.6
—
Gate-Source Charge
Qgs
—
3.4
—
Gate-Drain Charge
Qgd
—
6.6
—
Turn-On Delay Time
tD(ON)
—
4.6
—
ns
VDD = 30V, VGS = 10V,
ID = 20A, Rg = 3.3Ω
Turn-On Rise Time
tR
—
7.9
—
Turn-Off Delay Time
tD(OFF)
—
25.2
—
Turn-Off Fall Time
tF
—
13.9
—
Body Diode Reverse Recovery Time
tRR
—
19.3
—
ns
IF = 15A, di/dt = 500A/μs
Body Diode Reverse Recovery Charge
QRR
—
38.1
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com