Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C3318-36 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3318-36
Description  SMB Plug to BNC Male Cable 36 Inch Length Using RG174 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3318-36 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3318-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3318-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3318-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3318-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMB Plug
• Connector 2: BNC Male
• Cable Type: RG174
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.4:1
Velocity of Propagation
66
%
Capacitance
31.1 [102.03]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
Insertion Loss (Typ.)
0.326
0.452
0.611
0.835
1.16
dB
.
Mechanical Specifications
Cable Assembly
Length*
36 in [914.4 mm]
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
RG174
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PE (LD)
Number of Shields
1
Shield Layer 1
Tinned Copper Braid
Jacket Material
PVC, Black
Jacket Diameter
0.11 in [2.79 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Plug to BNC Male Cable 36 Inch Length Using RG174 Coax PE3C3318-36
PE3C3318-36 REV 1.0
SMB Plug to BNC Male Cable 36 Inch Length Using RG174 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3318-36


Similar Part No. - PE3C3318-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3318-12 PASTERNACK-PE3C3318-12 Datasheet
353Kb / 4P
SMB Plug to BNC Male Cable 12 Inch Length Using RG174 Coax
PE3C3318-24 PASTERNACK-PE3C3318-24 Datasheet
353Kb / 4P
SMB Plug to BNC Male Cable 24 Inch Length Using RG174 Coax
PE3C3318-48 PASTERNACK-PE3C3318-48 Datasheet
353Kb / 4P
SMB Plug to BNC Male Cable 48 Inch Length Using RG174 Coax
PE3C3318-60 PASTERNACK-PE3C3318-60 Datasheet
354Kb / 4P
SMB Plug to BNC Male Cable 60 Inch Length Using RG174 Coax
PE3C3318-72 PASTERNACK-PE3C3318-72 Datasheet
353Kb / 4P
SMB Plug to BNC Male Cable 72 Inch Length Using RG174 Coax
More results

Similar Description - PE3C3318-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2295-36 PASTERNACK-PE3C2295-36 Datasheet
361Kb / 4P
BNC Male to BNC Male Cable 36 Inch Length Using RG174 Coax
PE3C3318-12 PASTERNACK-PE3C3318-12 Datasheet
353Kb / 4P
SMB Plug to BNC Male Cable 12 Inch Length Using RG174 Coax
PE3C3318-24 PASTERNACK-PE3C3318-24 Datasheet
353Kb / 4P
SMB Plug to BNC Male Cable 24 Inch Length Using RG174 Coax
PE3C3318-48 PASTERNACK-PE3C3318-48 Datasheet
353Kb / 4P
SMB Plug to BNC Male Cable 48 Inch Length Using RG174 Coax
PE3C3318-60 PASTERNACK-PE3C3318-60 Datasheet
354Kb / 4P
SMB Plug to BNC Male Cable 60 Inch Length Using RG174 Coax
PE3C3318-72 PASTERNACK-PE3C3318-72 Datasheet
353Kb / 4P
SMB Plug to BNC Male Cable 72 Inch Length Using RG174 Coax
PE3C3318LF-36 PASTERNACK-PE3C3318LF-36 Datasheet
363Kb / 4P
SMB Plug to BNC Male Cable 36 Inch Length Using RG174 Coax, LF Solder, RoHS
PE3C3325-36 PASTERNACK-PE3C3325-36 Datasheet
360Kb / 4P
BNC Male to BNC Female Cable 36 Inch Length Using RG174 Coax
PE3C3425-36 PASTERNACK-PE3C3425-36 Datasheet
361Kb / 4P
SMC Plug to BNC Male Cable 36 Inch Length Using RG174 Coax
PE3C3428-36 PASTERNACK-PE3C3428-36 Datasheet
360Kb / 4P
SMB Plug to BNC Male Cable 36 Inch Length Using RG188 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com