Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC0829 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC0829
Description  Silicon NPN epitaxial planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC0829 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC0829 Datasheet HTML 1Page - Panasonic Semiconductor 2SC0829 Datasheet HTML 2Page - Panasonic Semiconductor 2SC0829 Datasheet HTML 3Page - Panasonic Semiconductor 2SC0829 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Publication date: March 2003
SJC00098CED
Transistors
2SC0829 (2SC829)
Silicon NPN epitaxial planar type
For high-frequency amplification
■ Features
• Optimum for RF amplification, oscillation, mixing, and IF stage
of FM/AM radios
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
30
V
Collector-emitter voltage (Base open)
VCEO
20
V
Emitter-base voltage (Collector open)
VEBO
5V
Collector current
IC
30
mA
Collector power dissipation
PC
400
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC
= 10 µA, I
E
= 030
V
Collector-emitter voltage (Base open)
VCEO
IC = 2 mA, IB = 020
V
Emitter-base voltage (Collector open)
VEBO
IE = 10 µA, IC = 05
V
Forward current transfer ratio *
hFE
VCE
= 10 V, I
C
= 1 mA
70
250
Transition frequency
fT
VCB = 10 V, IE = −1 mA, f = 200 MHz
150
230
MHz
Reverse transfer capacitance
Cre
VCB = 10 V, IE = −1 mA, f = 10.7 MHz
1.3
1.6
pF
(Common emitter)
Reverse transfer impedance
Zrb
VCB = 10 V, IE = −1 mA, f = 2 MHz
60
Ω
Unit: mm
1: Emitter
2: Collector
3: Base
TO-92-B1 Package
5.0±0.2
0.7±0.1
0.45
+0.15
–0.1
2.5
+0.6
–0.2
0.45
+0.15
–0.1
2.5
12 3
+0.6
–0.2
4.0±0.2
Note) The part number in the parenthesis shows conventional part number.
■ Electrical Characteristics T
a
= 25°C ± 3°C
Rank
B
C
hFE
70 to 160
110 to 250
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification


Similar Part No. - 2SC0829

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
2SC0106T2A1-12 POWERINT-2SC0106T2A1-12 Datasheet
252Kb / 8P
Dual-channel ultra-compact SCALE™-2 driver core
Version 2.0 from 2018-02-06
2SC0106T2A1C-12 POWERINT-2SC0106T2A1C-12 Datasheet
252Kb / 8P
Dual-channel ultra-compact SCALE™-2 driver core
Version 2.0 from 2018-02-06
logo
List of Unclassifed Man...
2SC0108T2A0-17 ETC2-2SC0108T2A0-17 Datasheet
511Kb / 32P
DESCRIPTION AND APPLICATION MANUAL FOR SCALE DRIVERS
logo
Power Integrations, Inc...
2SC0108T2D0-07 POWERINT-2SC0108T2D0-07 Datasheet
131Kb / 7P
Dual Channel Ultra-compact Low-cost SCALE™-2 Driver Core
2016-05-20
2SC0108T2D0-12 POWERINT-2SC0108T2D0-12 Datasheet
245Kb / 8P
Dual Channel Ultra-compact Low-cost SCALE™-2 Driver Core
2018-01-25
More results

Similar Description - 2SC0829

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347_03 Datasheet
150Kb / 4P
Silicon NPN Epitaxial Planar Type
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SD1824 KEXIN-2SD1824 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD814 KEXIN-2SD814 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar Type
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD1820A KEXIN-2SD1820A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com