Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCCD2004 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MCCD2004
Description  Dual N-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCCD2004 Datasheet(HTML) 3 Page - Micro Commercial Components

  MCCD2004 Datasheet HTML 1Page - Micro Commercial Components MCCD2004 Datasheet HTML 2Page - Micro Commercial Components MCCD2004 Datasheet HTML 3Page - Micro Commercial Components MCCD2004 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M C C
R
Revision:
A
20
16/02/03
www.mccsemi.com
3 of 4
Micro Commercial Components
0.0
0.2
0.8
1.0
1.2
0.01
0.1
1
8
0
5
0
4
8
12
16
20
111
56
5
5
10
15
01
78
9
10
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
12
14
16
25
125
0.0
0.2
0.4
0.6
0.8
1.0
Pulsed
Pulsed
T
a=100
℃
V
SD
I
S
——
T
a=25
℃
0.4
0.6
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
GS=1.5V
V
GS=2V,3V,4V,5V
Output Characteristics
V
GS=1V
12
34
DRAIN TO SOURCE VOLTAGE V
DS
(V)
V
GS=2.5V
V
GS=3.8V
V
GS=10V
T
a=25
℃
Pulsed
V
GS=4.5V
T
a=25
℃
Pulsed
2
5
DRAIN CURRENT I
D
(A)
—— I
D
R
DS(ON)
T
a=100
℃
T
a=25
℃
——
23
456
GATE TO SOURCE VOLTAGE
GATE
GS
(V)
V
GS
R
DS(ON)
I
D=8A
V
DS=3V
Pulsed
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
℃
T
a=25
℃
I
D=250uA
Threshold Voltage
50
75
100
JUNCTION TEMPERATURE T
j
(℃)
3
4
7
8
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com