Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCCD2005 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MCCD2005
Description  Dual N-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCCD2005 Datasheet(HTML) 1 Page - Micro Commercial Components

  MCCD2005 Datasheet HTML 1Page - Micro Commercial Components MCCD2005 Datasheet HTML 2Page - Micro Commercial Components MCCD2005 Datasheet HTML 3Page - Micro Commercial Components MCCD2005 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MC
CD2005
Dual N-Channel
Power MOSFET
Features
•
Epoxy meets UL 94 V-0 flammability rating
MaximumRatings@25OCUnlessOtherwiseSpecified
Symbol
Parameter
Rating
Unit
VDS
Drain-source Voltage
20
V
ID
Drain Current-Continuous
8
A
IDM
Pulsed Drain Current
(note1)
30
A
VGS
Gate-source Voltage
f
12
V
R
©
JA
Thermal Resistance Junction to Ambient
125
/W
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Revision:
A
20
16/02/03
•
Moisture Sensitivity Level 1
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
DFN2030-6
•
Advanced trench MOSFET process technology
•
Ultra low on-resistance with low gate charge
•
Halogen free available upon request by adding suffix "-HF"
A
0.700
0.800
0.028
.032
B
0.203REF.
0.008REF.
C
0.000
0.050
0000
0.002
D
1.950
2.050
0.077
0.081
E
2.950
3.050
0.116
0.120
F
1.400
1.600
0.055
0.063
G
1.600
1.800
0.063
0.071
H
0.200
0.300
0.008
0.012
J
0.200
---
0.008
---
K
0.300
0.400
0.018
0.026
L
0.500TYP.
0.020TYP.
Dimensions
Micro Commercial Components
M C C
R
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
1 of 4
Equivalent Circuit
E
Notes:
1.. Repetit
ive Rating: Pulse width limited by junction temperature.
B
C
D
A
F
H
G
J
L
K
•
M
arking:2005


Similar Part No. - MCCD2005

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCCD2004 MCC-MCCD2004 Datasheet
643Kb / 4P
Dual N-Channel Power MOSFET
MCCD2004S MCC-MCCD2004S Datasheet
265Kb / 1P
350 mW High Voltage Switching Diode 240 Volts
MCCD2007 MCC-MCCD2007 Datasheet
613Kb / 4P
Dual N-Channel Power MOSFET
More results

Similar Description - MCCD2005

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSD2025 FAIRCHILD-SSD2025 Datasheet
183Kb / 5P
Dual N-CHANNEL POWER MOSFET
SSD2009ATF FAIRCHILD-SSD2009ATF Datasheet
189Kb / 5P
Dual N-CHANNEL POWER MOSFET
logo
ON Semiconductor
EFC8811R ONSEMI-EFC8811R Datasheet
479Kb / 6P
Dual N-Channel Power MOSFET
October 2015 - Rev. P1
ENA2329 ONSEMI-ENA2329 Datasheet
509Kb / 6P
Dual N-Channel Power MOSFET
July, 2014
NTMFD4902NF ONSEMI-NTMFD4902NF Datasheet
109Kb / 10P
Dual N-Channel Power MOSFET
September, 2015 ??Rev. 5
NTMFD4901NF ONSEMI-NTMFD4901NF_14 Datasheet
113Kb / 12P
Dual N-Channel Power MOSFET
June, 2014 ??Rev. 6
logo
Taiwan Semiconductor Co...
TSM250N02D TSC-TSM250N02D Datasheet
251Kb / 6P
Dual N-Channel Power MOSFET
logo
Micro Commercial Compon...
MCCD2007 MCC-MCCD2007 Datasheet
613Kb / 4P
Dual N-Channel Power MOSFET
MCQ05N06 MCC-MCQ05N06 Datasheet
513Kb / 4P
Dual N-Channel Power MOSFET
logo
ON Semiconductor
NVMFD6H846NL ONSEMI-NVMFD6H846NL Datasheet
210Kb / 7P
MOSFET - Power, Dual N-Channel
March, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com