Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS2010 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MCS2010
Description  Dual N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCS2010 Datasheet(HTML) 3 Page - Micro Commercial Components

  MCS2010 Datasheet HTML 1Page - Micro Commercial Components MCS2010 Datasheet HTML 2Page - Micro Commercial Components MCS2010 Datasheet HTML 3Page - Micro Commercial Components MCS2010 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M C C
R
Revision:
A
20
16/02/03
www.mccsemi.com
3 of 4
Micro Commercial Components
0.0
0.2
0.4
0.6
0.8
1.0
0.01
0.1
1
10
0
5
0
4
8
12
16
20
2
1
3
8
9
10
6.6
6.8
7.0
7.2
7.4
7.6
7.8
0
8
10
0
10
20
30
0.0
0.4
0.8
1.2
1.6
2.0
0
4
8
12
16
20
25
125
0.2
0.4
0.6
0.8
1.0
T
a=100
V
SD
I
S
——
T
a=25
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
GS=2V,2.5V,3V,4V
V
GS=1.5V
Output Characteristics
V
GS=1.2V
12
34
DRAIN TO SOURCE VOLTAGE V
DS
(V)
V
GS=4V
V
GS=3.5V
T
a=25
Pulsed
Pulsed
Pulsed
Pulsed
V
GS=4.5V
T
a=25
Pulsed
4
56
7
DRAIN CURRENT I
D
(A)
—— I
D
R
DS(ON)
V
GS=2.5V
V
GS=3.1V
T
a=25
T
a=100
I
D=10A
——
24
6
GATE TO SOURCE VOLTAGE
GATE
GS
(V)
V
GS
R
DS(ON)
V
DS=3V
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
T
a=25
I
D=250uA
Threshold Voltage
50
75
100
JUNCTION TEMPERATURE T
J
(℃)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com