Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC082CP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC082CP
Description  FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC082CP Datasheet(HTML) 2 Page - Texas Instruments

  TLC082CP Datasheet HTML 1Page - Texas Instruments TLC082CP Datasheet HTML 2Page - Texas Instruments TLC082CP Datasheet HTML 3Page - Texas Instruments TLC082CP Datasheet HTML 4Page - Texas Instruments TLC082CP Datasheet HTML 5Page - Texas Instruments TLC082CP Datasheet HTML 6Page - Texas Instruments TLC082CP Datasheet HTML 7Page - Texas Instruments TLC082CP Datasheet HTML 8Page - Texas Instruments TLC082CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS254D − JUNE 1999 − REVISED FEBRUARY 2004
2
WWW.TI.COM
TLC080 and TLC081 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
†
SMALL OUTLINE
†
SYMBOL
PLASTIC DIP
TA
SMALL OUTLINE
(D)†
SMALL OUTLINE
(DGN)†
SYMBOL
PLASTIC DIP
(P)
0
°C to 70°C
TLC080CD
TLC081CD
TLC080CDGN
TLC081CDGN
xxTIACW
xxTIACY
TLC080CP
TLC081CP
−40
°C to 125°C
TLC080ID
TLC081ID
TLC080IDGN
TLC081IDGN
xxTIACX
xxTIACZ
TLC080IP
TLC081IP
−40
°C to 125°C
TLC080AID
TLC081AID
—
—
—
—
TLC080AIP
TLC081AIP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLC080CDR).
TLC082 and TLC083 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL
OUTLINE
MSOP
PLASTIC
DIP
PLASTIC
DIP
TA
OUTLINE
(D)†
(DGN)†
SYMBOL‡
(DGQ)†
SYMBOL‡
DIP
(N)
DIP
(P)
0
°C to 70°C
TLC082CD
TLC083CD
TLC082CDGN
—
xxTIADZ
—
—
TLC083CDGQ
—
xxTIAEB
—
TLC083CN
TLC082CP
—
−40
°C to 125°C
TLC082ID
TLC083ID
TLC082IDGN
—
xxTIAEA
—
—
TLC083IDGQ
—
xxTIAEC
—
TLC083IN
TLC082IP
—
−40
°C to 125°C
TLC082AID
TLC083AID
—
—
—
—
—
—
—
—
—
TLC083AIN
TLC082AIP
—
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLC082CDR).
‡ xx represents the device date code.
TLC084 and TLC085 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
(D)†
PLASTIC DIP
(N)
TSSOP
(PWP)†
0
°C to 70°C
TLC084CD
TLC085CD
TLC084CN
TLC085CN
TLC084CPWP
TLC085CPWP
−40
°C to 125°C
TLC084ID
TLC085ID
TLC084IN
TLC085IN
TLC084IPWP
TLC085IPWP
−40
°C to 125°C
TLC084AID
TLC085AID
TLC084AIN
TLC085AIN
TLC084AIPWP
TLC085AIPWP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g.,
TLC084CDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com