Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F546GSPF Datasheet(PDF) 48 Page - Cypress Semiconductor

Part # MB90F546GSPF
Description  CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F546GSPF Datasheet(HTML) 48 Page - Cypress Semiconductor

Back Button MB90F546GSPF Datasheet HTML 44Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 45Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 46Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 47Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 48Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 49Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 50Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 51Page - Cypress Semiconductor MB90F546GSPF Datasheet HTML 52Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
Document Number: 002- 07696 Rev. *A
Page 48 of 70
MB90540G/545G Series
11.4.4 Power On Reset
(MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
3.5 V to 5.5 V, V
SS
AV
SS
0.0 V, T
A
  40 C to 105 C)
(Other than MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
5.0 V 10, V
SS
AV
SS
0.0 V, T
A
  40 C to 105 C)
* :
VCC must be kept lower than 0.2 V before power-on.
Notes :
The above values are used for creating a power-on reset.
Some registers in the device are initialized only upon a power-on reset. To initialize these register, turn on the power
supply using the above values.
Parameter
Symbol
Pin name
Condition
Value
Units
Remarks
Min
Max
Power on rise time
tR
VCC
0.05
30
ms
*
Power off time
tOFF
VCC
50
ms
Waiting time until power-on
VCC
VCC
VSS
3.0 V
tR
tOFF
2.7 V
0.2 V
0.2 V
0.2 V
RAM data being held
It is recommended to keep the
rising speed of the supply voltage
at 50 mV/ms or slower.
Sudden changes in the power supply voltage may cause a power-on reset.
To change the power supply voltage while the device is in operation, it is recommended to
raise the voltage smoothly to suppress fluctuations as shown below.
In this case, change the supply voltage with the PLL clock not used. If the voltage drop is
1 V or fewer per second, however, you can use the PLL clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com