Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2022MD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2022MD
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2022MD Datasheet(HTML) 2 Page - Texas Instruments

  TLE2022MD Datasheet HTML 1Page - Texas Instruments TLE2022MD Datasheet HTML 2Page - Texas Instruments TLE2022MD Datasheet HTML 3Page - Texas Instruments TLE2022MD Datasheet HTML 4Page - Texas Instruments TLE2022MD Datasheet HTML 5Page - Texas Instruments TLE2022MD Datasheet HTML 6Page - Texas Instruments TLE2022MD Datasheet HTML 7Page - Texas Instruments TLE2022MD Datasheet HTML 8Page - Texas Instruments TLE2022MD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGH-SPEED LOW-POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191B – FEBRUARY 1997 – REVISED JANUARY 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2021 AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
SSOP‡
(DB)
CHIP
CARRIER
(FK)
CERAMIC DIP
(JG)
PLASTIC DIP
(P)
TSSOP‡
(PW)
CHIP
FORM§
(Y)
0
°C to
200
µV
TLE2021ACD
TLE2021CDBLE
TLE2021ACP
—
—
70
°C
µ
500
µV
TLE2021CD
TLE2021CDBLE
—
—
TLE2021CP
TLE2021CPWLE
TLE2021Y
– 40
°C
to
200
µV
TLE2021AID
TLE2021AIP
to
85
°C
µ
500
µV
TLE2021ID
—
—
—
TLE2021AIP
TLE2021IP
—
—
– 55
°C
100
µV
—
TLE2021BMFK
TLE2021BMJG
—
to
µ
200
µV
TLE2021AMD
—
TLE2021AMFK
TLE2021AMJG
TLE2021AMP
—
—
125
°C
500
µV
TLE2021MD
TLE2021MFK
TLE2021MJG
TLE2021MP
† The D packages are available taped and reeled. To order a taped and reeled part, add the suffix R (e.g., TLE2021CDR).
‡ The DB and PW packages are only available left-end taped and reeled.
§ Chip forms are tested at 25
°C only.
TLE2022 AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
SSOP‡
(DB)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP‡
(PW)
CHIP
FORM§
(Y)
0
°C
to
150
µV
300
µV
TLE2022BCD
TLE2022ACD
—
—
TLE2022ACP
—
—
—
—
to
70
°C
300
µV
500
µV
TLE2022ACD
TLE2022CD
—
TLE2022CDBLE
—
—
TLE2022ACP
TLE2022CP
—
TLE2022CPWLE
—
TLE2022Y
– 40
°C
to
150
µV
300
µV
TLE2022BID
TLE2022AID
—
TLE2022AIP
to
85
°C
300
µV
500
µV
TLE2022AID
TLE2022ID
—
—
—
TLE2022AIP
TLE2022IP
—
—
– 55
°C
150
µV
—
—
TLE2022BMJG
—
55 C
to
150
µV
300
µV
TLE2022AMD
—
TLE2022AMFK
TLE2022BMJG
TLE2022AMJG
TLE2022AMP
—
—
125
°C
µ
500
µV
TLE2022MD
TLE2022MFK
TLE2022MJG
TLE2022MP
† The D packages are available taped and reeled. To order a taped and reeled part, add the suffix R (e.g., TLE2022CDR).
‡ The DB and PW packages are only available left-end taped and reeled.
§ Chip forms are tested at 25
°C only.
TLE2024 AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(DW)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
CHIP
FORM§
(Y)
500
µV TLE2024BCDW
TLE2024BCN
—
0
°C to 70
°C
500
µV
750
µV
TLE2024BCDW
TLE2024ACDW
—
—
TLE2024BCN
TLE2024ACN
—
µ
1000
µV TLE2024CDW
TLE2024CN
TLE2024Y
500
µV TLE2024BIDW
TLE2024BIN
– 40
°C to 85°C
500
µV
750
µV
TLE2024BIDW
TLE2024AIDW
—
—
TLE2024BIN
TLE2024AIN
—
µ
1000
µV TLE2024IDW
TLE2024IN
500
µV TLE2024BMDW
TLE2024BMFK
TLE2024BMJ
TLE2024BMN
– 55
°C to 125°C
µ
750
µV TLE2024AMDW
TLE2024AMFK
TLE2024AMJ
TLE2024AMN
—
1000
µV TLE2024MDW
TLE2024MFK
TLE2024MJ
TLE2024MN
§ Chip forms are tested at 25
°C only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com