Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48C05 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT48C05
Description  Cost-Effective I/O Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C05 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48C05 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48C05 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
HT48R05A-1/HT48C05/HT48R06A-1/HT48C06
Cost-Effective I/O Type 8-Bit MCU
Block Diagram
Rev. 1.10
1
June 9, 2004
General Description
The HT48R05A-1/HT48C05 and HT48R06A-1/
HT48C06 are 8-bit high performance, RISC architec-
ture microcontroller devices specifically designed for
cost-effective multiple I/O control product applications.
The mask version HT48C05 and HT48C06 are fully pin
and functionally compatible with the OTP version
HT48R05A-1 and HT48R06A-1 devices.
The advantages of low power consumption, I/O flexibil-
ity, timer functions, oscillator options, HALT and
wake-up functions, watchdog timer, buzzer driver, as
well as low cost, enhance the versatility of these devices
to suit a wide range of application possibilities such as
industrial control, consumer products, subsystem con-
trollers, etc.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· 13 bidirectional I/O lines
· An interrupt input shared with an I/O line
· 8-bit programmable timer/event counter with over-
flow interrupt and 8-stage prescaler
· On-chip crystal and RC oscillator
· Watchdog Timer
· Program memory ROM:
512
´14 for HT48R05A-1/HT48C05
1024
´14 for HT48R06A-1/HT48C06
· Data memory RAM
32
´8 for HT48R05A-1/HT48C05
64
´8 for HT48R06A-1/HT48C06
· Buzzer driving pair and PFD supported
· HALT function and wake-up feature reduce power
consumption
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· Allinstructionsinoneortwomachinecycles
· 14-bit table read instruction
· Two-level subroutine nesting
· Bit manipulation instruction
· Powerful instructions:
62 for HT48R05A-1/HT48C05
63 for HT48R06A-1/HT48C06
· Low voltage reset function
· 16-pin SSOP package
18-pin DIP/SOP package
I N T / P C 0
O S C 2
O S C 1
R E S
V D D
M U X
P A C
P A
P O R T A
P A 0 ~ P A 7
f S Y S / 4
W D T S
W D T
P C C
P C
P O R T C
P C 0 ~ P C 1
P B C
P B
P O R T B
P B 0 ~ P B 2
V S S
B Z / B Z
P C 0
P r o g r a m
R O M
P r o g r a m
C o u n t e r
I n t e r r u p t
C i r c u i t
S T A C K 0
S T A C K 1
I N T C
D A T A
M e m o r y
I n s t r u c t i o n
R e g i s t e r
M
U
X
I n s t r u c t i o n
D e c o d e r
S T A T U S
A L U
S h i f t e r
T i m i n g
G e n e r a t o r
A C C
R C O S C
W D T P r e s c a l e r
M
U
X
M P
T M R / P C 1
T M R
T M R C
P r e s c a l e r
f S Y S
P C 1
M
U
X


Similar Part No. - HT48C05

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48C05 HOLTEK-HT48C05_08 Datasheet
287Kb / 39P
Cost-Effective I/O Type 8-Bit MCU
More results

Similar Description - HT48C05

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
Cost-Effective A/D Type 8-Bit MCU
December 28, 2004
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
Cost-Effective A/D Type 8-Bit MCU
July 19, 2005
HT48R07A-1 HOLTEK-HT48R07A-1 Datasheet
298Kb / 37P
Cost-Effective I/O Type 8-Bit MCU
March 13, 2006
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
Cost-Effective A/D Type 8-Bit MCU
August 15, 2007
HT48R0AA-1 HOLTEK-HT48R0AA-1 Datasheet
262Kb / 40P
Cost-Effective I/O Type 8-Bit OTP MCU
July 27, 2007
HT48R062 HOLTEK-HT48R062 Datasheet
220Kb / 31P
Cost-Effective I/O Type 8-Bit MCU
October 30, 2006
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
Cost-Effective A/D Type 8-Bit MCU
November 28, 2007
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
Cost-Effective I/O Type 8-Bit MCU
HT48R062 HOLTEK-HT48R062_08 Datasheet
230Kb / 31P
Cost-Effective I/O Type 8-Bit MCU
December 30, 2008
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
Cost-Effective I/O 8-Bit OTP MCU
April 11, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com