Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C3395 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C3395
Description  SMB Jack to BNC Male Cable Using RG316 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3395 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C3395 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3395 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3395 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3395 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.102 in [2.59 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
SMB Jack
BNC Male
Specification
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Contact Plating Specification
30 µin minimum
50µ in. minimum
Dielectric Type
PTFE
Teflon
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100 µin minimum
100µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-55 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE3C3395 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Jack to BNC Male Cable Using RG316 Coax PE3C3395
RF Cable Assemblies Technical Data Sheet
PE3C3395
SMB Jack to BNC Male Cable Using RG316 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com