Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C3399 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C3399
Description  BNC Male to BNC Female Bulkhead Cable Using RG188 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3399 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C3399 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3399 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3399 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3399 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Jacket Material
PTFE, White
Jacket Diameter
0.11 in [2.79 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
BNC Male
BNC Female Bulkhead
Specification
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Contact Plating Specification
50µ in. minimum
30 µin minimum
Dielectric Type
Teflon
PTFE
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. minimum
100 µin minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3C3399 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male to BNC Female Bulkhead Cable Using RG188 Coax PE3C3399
RF Cable Assemblies Technical Data Sheet
PE3C3399
BNC Male to BNC Female Bulkhead Cable Using RG188 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com