Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4941C Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4941C
Description  Infrared Emitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4941C Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4941C Datasheet HTML 1Page - OSRAM GmbH SFH4941C Datasheet HTML 2Page - OSRAM GmbH SFH4941C Datasheet HTML 3Page - OSRAM GmbH SFH4941C Datasheet HTML 4Page - OSRAM GmbH SFH4941C Datasheet HTML 5Page - OSRAM GmbH SFH4941C Datasheet HTML 6Page - OSRAM GmbH SFH4941C Datasheet HTML 7Page - OSRAM GmbH SFH4941C Datasheet HTML 8Page - OSRAM GmbH SFH4941C Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2017-07-11
1
2017-07-11
Infrared Emitter (940 nm)
Version 1.3
SFH 4941C
Ordering Information
Features:
Wavelength 950nm
Miniature package
Short switching times
Same package dimensions as SFH 305
Applications
Miniature photointerrupters
Barcode reader
Industrial electronics
For control and drive circuits
Sensor technology
Speed controller
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F = 30 mA, tp = 20 ms
SFH 4941C
30 (≥ 10)
Q65111A6124
Note:
measured at a solid angle of Ω = 0.001 sr


Similar Part No. - SFH4941C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4941 OSRAM-SFH4941 Datasheet
384Kb / 10P
Infrared Emitter
More results

Similar Description - SFH4941C

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC Datasheet
532Kb / 2P
Infrared Emitter
MTE1300N MARKTECH-MTE1300N_15 Datasheet
671Kb / 3P
Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC_15 Datasheet
532Kb / 2P
Infrared Emitter
MTE8760MC MARKTECH-MTE8760MC_15 Datasheet
839Kb / 4P
Infrared Emitter
MTE8800C MARKTECH-MTE8800C_15 Datasheet
130Kb / 2P
Infrared Emitter
MTE8800PT MARKTECH-MTE8800PT_15 Datasheet
598Kb / 4P
Infrared Emitter
MTE9440M3A MARKTECH-MTE9440M3A_15 Datasheet
641Kb / 4P
Infrared Emitter
MTSM0074-843-IR MARKTECH-MTSM0074-843-IR Datasheet
1Mb / 5P
Infrared Emitter
MTSM0077-843-IR MARKTECH-MTSM0077-843-IR Datasheet
1Mb / 5P
Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com