Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH2400 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH2400
Description  Silicon PIN Photodiode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2400 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH2400 Datasheet HTML 1Page - OSRAM GmbH SFH2400 Datasheet HTML 2Page - OSRAM GmbH SFH2400 Datasheet HTML 3Page - OSRAM GmbH SFH2400 Datasheet HTML 4Page - OSRAM GmbH SFH2400 Datasheet HTML 5Page - OSRAM GmbH SFH2400 Datasheet HTML 6Page - OSRAM GmbH SFH2400 Datasheet HTML 7Page - OSRAM GmbH SFH2400 Datasheet HTML 8Page - OSRAM GmbH SFH2400 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2016-04-01
2
Version 1.8
SFH 2400
Maximum Ratings (TA = 25 °C)
Characteristics (TA = 25 °C, Standard Light A, T = 2856 K)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 100
°C
Reverse voltage
V
R
20
V
Reverse voltage
(t < 2 min)
V
R
50
V
Total Power dissipation
P
tot
120
mW
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2000
V
Thermal resistance for mounting on pcb
RthJA
450
K/W
Parameter
Symbol
Values
Unit
Photocurrent
(E
v = 1000 lx, Std. Light A, VR = 5 V, T = 2856 K)
(typ (min))
IP
10 (≥ 6)
µA
Photocurrent
(V
R = 5 V, λ = 870 nm, Ee = 1 mW/cm
2)
(typ (min))
I
P
6.5
μA
Wavelength of max. sensitivity
(typ)
λS max
850
nm
Spectral range of sensitivity
(typ)
λ10%
(typ) 380
... 1100
nm
Radiant sensitive area
(typ)
A
1.00
mm2
Dimensions of radiant sensitive area
(typ)
L x W
1 x 1
mm x
mm
Half angle
(typ)
ϕ
± 60
°
Dark current
(V
R = 20 V)
(typ (max)) I
R
1 (≤ 5)
nA
Spectral sensitivity of the chip
(λ = 870 nm)
(typ)
Sλ typ
0.65
A / W
Quantum yield of the chip
(typ)
η
0.93
Electro
ns
/Photon
Open-circuit voltage
(E
v = 1000 lx, Std. Light A)
(typ (min))
V
O
320
mV
Short-circuit current
(Ev = 1000 lx, Std. Light A)
(typ)
I
SC
10
µA
Rise and fall time
(VR = 20 V, RL = 50 Ω, λ = 850 nm)
(typ)
tr, tf
0.005
µs
Forward voltage
(I
F = 80 mA, E = 0)
(typ)
VF
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com