Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWPUSRA1.PM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWPUSRA1.PM
Description  OSCONIQ P 3737
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWPUSRA1.PM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWPUSRA1.PM Datasheet HTML 1Page - OSRAM GmbH GWPUSRA1.PM Datasheet HTML 2Page - OSRAM GmbH GWPUSRA1.PM Datasheet HTML 3Page - OSRAM GmbH GWPUSRA1.PM Datasheet HTML 4Page - OSRAM GmbH GWPUSRA1.PM Datasheet HTML 5Page - OSRAM GmbH GWPUSRA1.PM Datasheet HTML 6Page - OSRAM GmbH GWPUSRA1.PM Datasheet HTML 7Page - OSRAM GmbH GWPUSRA1.PM Datasheet HTML 8Page - OSRAM GmbH GWPUSRA1.PM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2017-11-20
1
2017-11-20
Datasheet
Version 1.4
GW PUSRA1.PM
High-power LED with high performance, superior
robustness and long lifetime.
Hochleistungs-LED mit hoher Effizienz, überlegener
Stabilität und langer Lebensdauer.
Features:
Besondere Merkmale:
•
Package: New SMD epoxy package with silicone
lens
•
Gehäusetyp: Neues SMD Epoxyd Gehäuse mit
Silikonlinse
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 3000 K - 6500 K (white)
•
Farbe: 3000 K - 6500 K (weiß)
•
CRI: min. 70 ( typ. 72 )
•
CRI: min. 70 ( typ. 72 )
•
Luminous Flux: typ. 303 lm @ 5000 K, 85 °C
•
Lichtstrom: typ. 303 lm @ 5000 K, 85 °C
•
Corrosion Robustness: Superior Corrosion
Robustness
•
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
Applications
Anwendungen
•
Street and tunnel lighting
•
Straßen und Tunnel
•
Outdoor lighting
•
Außenbeleuchtung
•
Industrial lighting
•
Industriebeleuchtung
OSCONIQ P 3737 (2W version)
•
Luminous efficacy: typ. 155 lm/W @ 5000 K,
85 °C
•
Lichtausbeute: typ. 155 lm/W @ 5000 K, 85 °C


Similar Part No. - GWPUSRA1.PM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWPUSRA1.EM OSRAM-GWPUSRA1.EM Datasheet
1Mb / 24P
New SMD epoxy package with silicone lens
GWPUSRA1.HW OSRAM-GWPUSRA1.HW Datasheet
1Mb / 23P
OSCONIQ® P 3737 (2W)
Version 1.0 2024-04-08
GWPUSRA1.HW-SHSK-M1-1 OSRAM-GWPUSRA1.HW-SHSK-M1-1 Datasheet
1Mb / 23P
OSCONIQ® P 3737 (2W)
Version 1.0 2024-04-08
GWPUSRA1.HW-SHSK-M2-1 OSRAM-GWPUSRA1.HW-SHSK-M2-1 Datasheet
1Mb / 23P
OSCONIQ® P 3737 (2W)
Version 1.0 2024-04-08
GWPUSRA1.HW-SJSL-M3-1 OSRAM-GWPUSRA1.HW-SJSL-M3-1 Datasheet
1Mb / 23P
OSCONIQ® P 3737 (2W)
Version 1.0 2024-04-08
More results

Similar Description - GWPUSRA1.PM

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6469 NJSEMI-2N6469 Datasheet
93Kb / 1P
SILICON P-N-P
logo
OSRAM GmbH
GTDASPA2.13 OSRAM-GTDASPA2.13 Datasheet
1Mb / 21P
OSCONIQ P 2226
GHDASPA2.24 OSRAM-GHDASPA2.24 Datasheet
1Mb / 20P
OSCONIQ P 2226
GFDASPA2.24 OSRAM-GFDASPA2.24 Datasheet
1Mb / 21P
OSCONIQ P 2226
GDDASPA2.14 OSRAM-GDDASPA2.14 Datasheet
1Mb / 21P
OSCONIQ P 2226
GYDASPA2.23 OSRAM-GYDASPA2.23 Datasheet
1Mb / 21P
OSCONIQ P 2226
logo
PHOENIX CONTACT
3100020 PHOENIX-3100020 Datasheet
121Kb / 6P
MTKD-P/P
3104013 PHOENIX-3104013 Datasheet
127Kb / 6P
MTK-P/P
logo
OSRAM GmbH
GWPLLRA1.EM OSRAM-GWPLLRA1.EM Datasheet
1Mb / 24P
OSCONIQ® C 2424
Version 1.6 / 2021-11-24
logo
ams AG
GWQSLMS2.HM AMSCO-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com