Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-HEC-FSC-16 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PD-HEC-FSC-16
Description  HARSH ENVIRONMENT CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-HEC-FSC-16 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PD-HEC-FSC-16 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
5
4
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
1 of 1
SHEET
HARSH ENVIRONMENT CONNECTOR
FEMALE CABLE CONNECTOR
PD-HEC-FCC
PB
7/28/14
RoHS
COMPLIANT
MATERIAL SPECIFICATIONS:
Housing: PA, UL-94V-0 rated, color black
Contacts: CuZn, Silver plated
MECHANICAL SPECIFICATIONS:
Contacts: 8 (4 Signal + 3 Power + PE)
Durability: 1000 mating cycles min.
Cable Diameter: 6 - 13mm / 9 - 17mm
ELECTRICAL SPECIFICATIONS:
Rated current:: 3A Signal max. / 25A Power max.
Rated voltage: 60V Signal / 400V Power
Contact resistance: 8mohms max.
Rated impulse voltage: 5000V
IEC/UL 61010-1 SPECIFICATIONS:
Material group: I, II
Overload category: III
Pollution degree: III
APPROVALS:
ENVIRONMENTAL SPECIFICATIONS:
Degree of Protection: IP68 / IPX9K
NOTE:
1. CONTACTS ORDERED SEPARATELY
FEMALE POWER CRIMP CONTACTS:
AWG
P/N
14
PD-HEC-FPC-14
16
PD-HEC-FPC-16
FEMALE SIGNAL CRIMP CONTACTS:
AWG
P/N
16
PD-HEC-FSC-16
18
PD-HEC-FSC-18
20
PD-HEC-FSC-20
26-22
PD-HEC-FSC-26
ACCESSORIES:
CRIMP TOOL FOR CONTACTS:
P/N: PD-HEC-CT
SIGNAL CONTACT EXTRACTION TOOL:
P/N: PD-HEC-SCET
POWER CONTACT EXTRACTION TOOL:
P/N: PD-HEC-PCET
PROTECTION CAP:
P/N: PD-HEC-FCC-CAP
POWER CONTACTS:
1, 2, 3
SIGNAL CONTACTS:
4, 5, 6, 7
CONTACT ARRANGEMENT
(MATING SIDE)
V
D E


Similar Part No. - PD-HEC-FSC-16

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-HEC-FSC-16 POWERDYNAMICS-PD-HEC-FSC-16 Datasheet
135Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC-FSC-16 POWERDYNAMICS-PD-HEC-FSC-16 Datasheet
229Kb / 1P
HARSH ENVIRONMENT CONNECTOR
More results

Similar Description - PD-HEC-FSC-16

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA172AP ORIONFANS-OA172AP Datasheet
332Kb / 1P
AC - HARSH Environment
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
logo
PowerDynamics, Inc
PD-HEC2-FPC-P POWERDYNAMICS-PD-HEC2-FPC-P Datasheet
211Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC2-FPC-P-W POWERDYNAMICS-PD-HEC2-FPC-P-W Datasheet
479Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC2-FPC-S POWERDYNAMICS-PD-HEC2-FPC-S Datasheet
209Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC2-MCC-4 POWERDYNAMICS-PD-HEC2-MCC-4 Datasheet
236Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC2-MCC-4-W POWERDYNAMICS-PD-HEC2-MCC-4-W Datasheet
224Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC-FPC POWERDYNAMICS-PD-HEC-FPC Datasheet
229Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC-FSC-16 POWERDYNAMICS-PD-HEC-FSC-16 Datasheet
135Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC-MCC POWERDYNAMICS-PD-HEC-MCC Datasheet
191Kb / 1P
HARSH ENVIRONMENT CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com