Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3578AM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3578AM
Description  Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578AM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3578AM Datasheet HTML 8Page - National Semiconductor (TI) LM3578AM Datasheet HTML 9Page - National Semiconductor (TI) LM3578AM Datasheet HTML 10Page - National Semiconductor (TI) LM3578AM Datasheet HTML 11Page - National Semiconductor (TI) LM3578AM Datasheet HTML 12Page - National Semiconductor (TI) LM3578AM Datasheet HTML 13Page - National Semiconductor (TI) LM3578AM Datasheet HTML 14Page - National Semiconductor (TI) LM3578AM Datasheet HTML 15Page - National Semiconductor (TI) LM3578AM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Typical Applications (Continued)
00871106
V
in = 15V
R3 = 0.15
V
o = 5V
C1 = 1820 pF
V
ripple =10mV
C2=220 µF
I
o = 350 mA
C3 = 20 pF
f
osc = 50 kHz
L1 = 470 µH
R1=40k
D1 = 1N5818
R2=10k
FIGURE 15. Buck or Step-Down Regulator
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com