Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF200C12F2 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MF200C12F2
Description  200 Amp FRED Modules 1200 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MF200C12F2 Datasheet(HTML) 2 Page - Micro Commercial Components

  MF200C12F2 Datasheet HTML 1Page - Micro Commercial Components MF200C12F2 Datasheet HTML 2Page - Micro Commercial Components MF200C12F2 Datasheet HTML 3Page - Micro Commercial Components MF200C12F2 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision: A
2017/04/29
www.mccsemi.com
2 of
4
Micro Commercial Components
M C C
TM
MF300C12F2
Maximum Ratings
Symbol
Conditions
Values
Units
VR
1200
V
VRRM
1200
V
IF(AV)
TC=110°C, Per Diode
200
A
IF(RMS)
TC=110°C, Per Diode
280
A
IFSM
1/2 Cycle , 50Hz, Sine
1800
A
1/2 Cycle , 60Hz, Sine
1950
A
I
2t
TJ=45°C, t=10ms, 50Hz, Sine
16200
A
2s
TJ=45°C, t=8.3ms, 60Hz, Sine
19000
A
2s
PD
920
W
Visol
AC, Ton=1min
3000
V
TJ
-40 to +150
°C
TSTG
-40 to +125
°C
Torque
Recommended(M6)
4.5
N·m
Torque
Recommended(M6)
4.5
N·m
Weight
160
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
Per diode
0.
22
℃
/W
Electrical Characteristics
Symbol
Conditions
Units
Values
Min.
Typ.
Max.
IRM
VR=1200V
--
1
--
mA
VR=1200V, TJ=125°C
--
--
5
mA
VF
IF=
200A
--
--
22.8
.
3
V
IF=
200A, TJ=125°C
--
1.9
V
trr
IF=1A, VR=30V, diF/dt=-200A/μs
--
57
--
ns
trr
VR=600V, IF=
200A, diF/dt=-200A/μs, TJ=25°C
--
1
10
--
ns
IRRM
--
9
--
A
trr
VR=600V, IF=
200A, diF/dt=-200A/μs, TJ=125°C
--
500
--
ns
IRRM
--
2
1
--
A
--



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com