Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1721 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1721
Description  Class-D Stereo Power Amplifier Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1721 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1721 Datasheet HTML 1Page - Microsemi Corporation LX1721 Datasheet HTML 2Page - Microsemi Corporation LX1721 Datasheet HTML 3Page - Microsemi Corporation LX1721 Datasheet HTML 4Page - Microsemi Corporation LX1721 Datasheet HTML 5Page - Microsemi Corporation LX1721 Datasheet HTML 6Page - Microsemi Corporation LX1721 Datasheet HTML 7Page - Microsemi Corporation LX1721 Datasheet HTML 8Page - Microsemi Corporation LX1721 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
 2001
Rev. 1.1,2003-06-10
AudioMAX™
LX1721 / 1722
Class-D Stereo Power Amplifier Controller
PRODUCTION
I N T E GRA T ED
PR ODUC T S
DESCRIPTION
The LX1721/1722 is a monolithic high
performance Class-D stereo controller IC
designed for high efficiency or space
constrained audio requirements such as
portable or battery operated products,
automotive amplifiers, and multi-channel
multimedia computer and video game
applications.
This high frequency, full
audio
bandwidth
switching
power
amplifier controller offers dramatically
improved performance over Linfinity’s
previous generation amplifier products.
Enhancements include higher output
power, better SNR, lower noise floor, and
reduced THD.
Combined with output
power MOSFET’s and an output filter, the
LX1721/1722 is a complete Class-D audio
solution.
A complete audio amplifier module is
available to quickly evaluate the LX1721
or LX1722 stereo controller.
Simply
connect the amplifier to the power source,
audio signal, and speakers.
Reference
designs support a variety of requirements
including
multi
channel
systems,
subwoofers, satellite / subwoofer com-
binations and various speaker loads (2Ω,
4Ω, 8Ω). The versatile amplifier solution
can easily be adjusted for frequency
response, optimized for efficiency and
performance, or designed to minimize
PCB area and component count.
The
LX1721/1722 is available in a space
saving 44-pin QSOP package.
(Continued Next Page)
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
PRODUCT H I GHLIGHT
LX1722
Stereo
FETs
FETs
LX1711
Mono
FETs
IN +
IN -
IN +
IN -
IN +
IN -
CLOCK
Left
Right
Subwoofer
2
Ω, 4Ω, 8Ω
Channel
1
Channel 2
Channel 3
7V - 25V
2.1 Audio Amplifier
Configuration
Output Power vs. Supply Voltage
1kHz, 4
Ω, THD+N=1%
KEY FEATUR ES
Integrated Switching Class-D
Stereo Controller IC
Full 20Hz-20kHz Audio
Bandwidth
High Fidelity (LX1721) Or
High Power (LX1722)
Versions Available
Single Supply Operation
THD+N <0.06% Typical
(1Wrms, 1kHz, 4Ω)
Maximum Efficiency 80%-
85%
Output Power >60Wrms per
Channel (LX1722, 4Ω, 1%
THD+N)
PSRR –70dB Typical
Differential Input To Minimize
Noise Effects
Supports Multi-Channel
Systems
Complete LXE1721or
LXE1722 Amplifier Evaluation
Module Available
44-Pin QSOP Package
APPLICATIONS
Multimedia Speakers
Surround Sound Game
Systems
Notebook Computers
Desktop Computers
Automotive Amplifiers And
Head units
Battery Operated Equipment
(Megaphone, Public Address
System)
Portable Audio (Boom Box)
Wireless Speakers
High Power Subwoofer
Automotive Audio Systems
Home Theatre
PACKAGE ORDER INFO
TJ (°C)
VDD
DB
Plastic QSOP
44-Pin
-20 to 70
7V – 15V
LX1721CDB
-20 to 70
7V – 25V
LX1722CDB
Note: Available in Tape & Reel.
Append the letter “T” to the part number. (i.e. LX1722CDBT)


Similar Part No. - LX1721

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1721 MICROSEMI-LX1721 Datasheet
383Kb / 14P
Class-D Stereo Power Amplifier Controller
LX1721CDBTR MICROSEMI-LX1721CDBTR Datasheet
383Kb / 14P
Class-D Stereo Power Amplifier Controller
LX1721 MICROSEMI-LX1721_04 Datasheet
383Kb / 14P
Class-D Stereo Power Amplifier Controller
More results

Similar Description - LX1721

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1720 MICROSEMI-LX1720 Datasheet
176Kb / 6P
SWITCHING CLASS-D, STEREO POWER AMPLIFIER CONTROLLER IC
logo
Rohm
BD5421EFS ROHM-BD5421EFS Datasheet
349Kb / 6P
Stereo Class-D Power Amplifier for Speaker
logo
Microsemi Corporation
LX1721 MICROSEMI-LX1721_04 Datasheet
383Kb / 14P
Class-D Stereo Power Amplifier Controller
logo
Maxim Integrated Produc...
MAX9736AETJ MAXIM-MAX9736AETJ Datasheet
668Kb / 25P
Mono/Stereo High-Power Class D Amplifier
Rev 3; 9/09
logo
Anpec Electronics Corop...
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
2.5W Stereo Class-D Audio Power Amplifier
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
8W Stereo Class-D Audio Power Amplifier
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
12W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9736 MAXIM-MAX9736_V01 Datasheet
1Mb / 25P
Mono/Stereo High-Power Class D Amplifier
19-3108; Rev 4; 11/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com