Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8300 Datasheet(PDF) 1 Page - ebm-papst

Part # 8300
Description  DC axial fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

8300 Datasheet(HTML) 1 Page - ebm-papst

  8300 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
46
Air performance measured according to: ISO 5801.
Installation category A, without contact protection.
Noise: Total sound power level LWA ISO 103002
measured on a hemisphere with a radius of 2 m.
Sound pressure level LpA measured at 1 m distance
from fan axis.
The values given are applicable only under the specified
measuring conditions and may differ depending on the
installation conditions.
In the event of deviation from the standard configuration,
the parameters must be checked after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / NoGo alarm
- Alarm with speed limit
- External temperature sensor
- Internal temperature sensor
- PWM control input
- Analog control input
- Moisture protection
- Salt spray protection
- Degree of protection: IP 54 / IP 68
Max.
80 m3/h
Type
m3/h
cfm
VDC
VDC
dB(A) Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
8312 L
32
18.8
12
6...15
24
4.0
1.2
2 000
-20...+75
80 000 / 32 500
135 000
¿
8312 M
48
28.3
12
6...15
34
5.0
2.2
3 000
-20...+75
70 000 / 27 500
117 500
¡
8312
54
31.8
12
6...15
36
5.2
2.6
3 300
-20...+75
70 000 / 27 500
117 500
¬
8312 HL
67
39.4
12
6...15
43
5.8
4.0
4 200
-20...+75
62 500 / 25 000
105 000
√
8312 H
80
47.1
12
6...12.6
48
6.2
6.4
5 000
-20...+60
55 000 / 35 000
92 500
ƒ
8314 L
32
18.8
24
12...31.5
24
4.0
1.0
2 000
-20...+75
80 000 / 32 500
135 000
¿
8314 M
48
28.3
24
12...31.5
34
5.0
2.3
3 000
-20...+75
70 000 / 27 500
117 500
¡
8314
54
31.8
24
12...31.5
36
5.2
2.7
3 300
-20...+75
70 000 / 27 500
117 500
¬
8314 HL
67
39.4
24
12...31.5
43
5.8
4.3
4 200
-20...+75
62 500 / 25 000
105 000
√
8314 H
80
47.1
24
12...28
48
6.2
6.0
5 000
-20...+75
55 000 / 20 000
92 500
ƒ
8318
54
31.8
48
36...60
36
5.2
3.0
3 300
-20...+75
70 000 / 27 500
117 500
¬
8318 HL
67
39.4
48
36...60
43
5.8
4.2
4 200
-20...+75
62 500 / 25 000
105 000
√
8318 H
80
47.1
48
36...60
48
6.2
6.2
5 000
-20...+65
55 000 / 30 000
92 500
ƒ
Subject to change
– Material:
Housing: GRP1) (PBT)
Impeller: GRP1) (PA)
– Direction of air flow: Exhaust over struts
– Direction of rotation: Clockwise,
looking towards rotor
– Connection:
Via single wires AWG 22,
TR 64
– Weight:
170 g
1) Fiberglass-reinforced plastic
Rotor protrusion max. 0.4 mm.
Tin-pla
ted
Finger guards
from p. 242
DC axial fans
 80 x 32 mm
Series 8300
Nominal data


Similar Part No. - 8300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8300 ETC1-8300 Datasheet
48Kb / 1P
4700
logo
3M Electronics
8300 3M-8300 Datasheet
807Kb / 16P
Static Dissipative Rigid Worksurface 8300 Series
Feb-2006
logo
List of Unclassifed Man...
8300 ETC2-8300 Datasheet
448Kb / 4P
Hinged top panel for 352HL and 352HS
logo
ebm-papst
8300 EBMPAPST-8300 Datasheet
375Kb / 3P
DC axial fans
8300 EBMPAPST-8300 Datasheet
704Kb / 3P
DC axial fans
More results

Similar Description - 8300

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com