Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZ20KV/2.0A Datasheet(PDF) 2 Page - Anshan Leadsun Electronics Co., Ltd

Part # MZ20KV/2.0A
Description  High Voltage Silicon Assembly Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSUN [Anshan Leadsun Electronics Co., Ltd]
Direct Link  http://www.hv-semi.com/en/
Logo LEADSUN - Anshan Leadsun Electronics Co., Ltd

MZ20KV/2.0A Datasheet(HTML) 2 Page - Anshan Leadsun Electronics Co., Ltd

  MZ20KV/2.0A Datasheet HTML 1Page - Anshan Leadsun Electronics Co., Ltd MZ20KV/2.0A Datasheet HTML 2Page - Anshan Leadsun Electronics Co., Ltd MZ20KV/2.0A Datasheet HTML 3Page - Anshan Leadsun Electronics Co., Ltd MZ20KV/2.0A Datasheet HTML 4Page - Anshan Leadsun Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Leadsun Electronics
High Voltage Silicon Assembly Series
Revised: 18-01-19 this document is subject to change without prior notice.
Sales and service: leadsun@hv-semi.com
sureshang@hotmail.com
Sales hotline: 86-412-2666636
2
MZ Series
MZ15KV/2.0A
15KV
2.0A
60A
18V
5.0μA
50.0μA
P1
MZ20KV/2.0A
20KV
2.0A
60A
24V
5.0μA
50.0μA
P2
MZ25KV/2.0A
25KV
2.0A
60A
30V
5.0μA
50.0μA
P2
MZ30KV/2.0A
30KV
2.0A
60A
36V
5.0μA
50.0μA
P2
MZ35KV/2.0A
35KV
2.0A
60A
42V
5.0μA
50.0μA
P3
MZ40KV/2.0A
40KV
2.0A
60A
48V
5.0μA
50.0μA
P3
MZ45KV/2.0A
45KV
2.0A
60A
54V
5.0μA
50.0μA
P3
MZ Series 3.0A Specifications
Type
Repetitive Peak
Reverse Voltage
Average Forward
Current@Half-W
ave
Resistive
Load 50/60Hz
Non-Repetitive
Peak
Forward
Current @8.3ms
Maximum
Forward Voltage
Drop @25℃ Ta
Maximum Reverse Current
Figure
VRRM
IF(AV)
IFSM
VFM
IR1
IR2
MZ5KV/3.0A
5KV
3.0A
100A
6V
5.0μA
100.0μA
P1
MZ10KV/3.0A
10KV
3.0A
100A
12V
5.0μA
100.0μA
P1
MZ15KV/3.0A
15KV
3.0A
100A
18V
5.0μA
100.0μA
P2
MZ20KV/3.0A
20KV
3.0A
100A
24V
5.0μA
100.0μA
P2
MZ25KV/3.0A
25KV
3.0A
100A
30V
5.0μA
100.0μA
P3
MZ30KV/3.0A
30KV
3.0A
100A
36V
5.0μA
100.0μA
P3
MZ Series 5.0A Specifications
Type
Repetitive Peak
Reverse Voltage
Average Forward
Current@Half-W
ave
Resistive
Load 50/60Hz
Non-Repetitive
Peak
Forward
Current @8.3ms
Maximum
Forward Voltage
Drop @25℃ Ta
Maximum Reverse Current
Figure
VRRM
IF(AV)
IFSM
VFM
IR1
IR2
MZ5KV/5.0A
5KV
5.0A
150A
6V
10.0μA
200.0μA
P2
MZ10KV/5.0A
10KV
5.0A
150A
12V
10.0μA
200.0μA
P2
MZ15KV/5.0A
15KV
5.0A
150A
18V
10.0μA
200.0μA
P3
MZ20KV/5.0A
20KV
5.0A
150A
24V
10.0μA
200.0μA
P3
MZ25KV/5.0A
25KV
5.0A
150A
30V
10.0μA
200.0μA
P3
MZ Series 10.0A Specifications
Type
Repetitive Peak
Reverse Voltage
Average Forward
Current@Half-W
ave
Resistive
Non-Repetitive
Peak
Forward
Current @8.3ms
Maximum
Forward Voltage
Drop @25℃ Ta
Maximum Reverse Current
Figure



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com