Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPMC802B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SPMC802B
Description  32-pin General Purpose Microcontroller (OTP)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPMC802B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SPMC802B Datasheet HTML 1Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 2Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 3Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 4Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 5Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 6Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 7Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 8Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SPMC802B
4. SIGNAL DESCRIPTIONS
4.1. PIN Descriptions (32 PIN)
Mnemonic
PIN No.
Functional Description
VDD
28
System Power Supply.
VSS
27
System Ground.
XO/R
4
Crystal In or Resistor In Input. An external resistive pull-up is used to connect with internal OSC
circuitry for generating the internal clock and the related time base in R-Oscillation mode. It will
be connected with external crystal for a crystal oscillation circuitry in crystal mode.
XI
5
Crystal Output or External Clock Input. External clock input is used to connect with internal clock
circuitry to generate the internal clock and the related time base in External clock mode. It will
be connected with external crystal for a crystal oscillation circuitry in crystal mode.
PA7:0
9, 10, 11, 12
20, 21, 22, 23
GPIO Port A7:0. General-purpose inputs/outputs. Using the internal setting can configure it. In
addition, PA7 can be used as the external interrupt input. PA5:4 can be the compare inputs of
Comparator. PA3:0 can be the group input of external interrupt.
PB5
(Vpp)
24
GPIO Port B5.
General-purpose input/output.
Using the internal setting can configure it.
In
addition, PB5 can be used as the external Main IRQ input. It is used as Programming Voltage
input in Programming mode.
PB1
(SCK)
29
GPIO Port B1.
General-purpose input/output.
Using the internal setting can configure it.
In
addition, it is used as Serial Clock input in Programming mode.
PB0
(SDA)
13
GPIO Port B0. General-purpose input/output or the voltage reference input for the Comparator.
Using the internal setting can configure it. In addition, it is used as Serial Data input/output in
Programming mode.
PB7:6,4:2
19, 14, 6,
3, 30
GPIO Port B7:6,4:2. General-purpose inputs/output. Using the internal setting can configure it. In
addition, PB7 can be the PWM waveform output. PB6 can be set as external event/clock input
for Timer 2. PB4 can be used as the Main nRESET input.
PC7:0
32, 1, 17, 16
31, 2, 18, 15
GPIO Port C7:0. General-purpose inputs/outputs. Using the internal setting can configure it. In
addition, these pins can be used as the external interrupt inputs.
PD3:0
8, 7, 26, 25
GPIO Port D3:0. General-purpose inputs/outputs. Using the internal setting can configure it.
4.2. PIN Assignment
4.2.1. 32 PIN package
SPMC802B
4.2.2. 28 PIN package
SPMC802B
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
5
AUG. 07, 2002
Version: 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com