Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-515P-SW Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PD-515P-SW
Description  NEMA 5-15P SNAP IN PANEL MOUNT PLUG WITH 152mm LONG WIRES STRIP & RETAIN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-515P-SW Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PD-515P-SW Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
5
4
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
1 of 1
SHEET
NEMA 5-15P SNAP IN PANEL MOUNT PLUG
WITH 152mm LONG WIRES STRIP & RETAIN
PD-515P-SW
A
PB
9/7/12
24.1
PANEL CUTOUT
29.8
GREEN
BLACK
WHITE
MATERIAL:
Housing: Thermoplastic, UL-94-V2 rated, color black
Contacts: Brass
Clips: Steel, corrosion resistant
ELECTRICAL SPECIFICATIONS:
Rated Current: 15 AMPS
Rated Voltage: 125 VAC
MECHANICAL SPECIFICATIONS:
Panel thickness: 0.8mm ~ 2.0mm
ENVIRONMENTAL SPECIFCATIONS:
SAFETY APPROVALS:
RoHS
COMPLIANT
US
C
27


Similar Part No. - PD-515P-SW

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PD-5150 OPTOWAY-PD-5150 Datasheet
128Kb / 3P
1.55 關m WDM PIN PHOTODIODES
PD-5150-N OPTOWAY-PD-5150-N Datasheet
128Kb / 3P
1.55 關m WDM PIN PHOTODIODES
PD-5155 OPTOWAY-PD-5155 Datasheet
128Kb / 3P
1.55 關m WDM PIN PHOTODIODES
PD-5155-N OPTOWAY-PD-5155-N Datasheet
128Kb / 3P
1.55 關m WDM PIN PHOTODIODES
logo
PowerDynamics, Inc
PD-515R-6 POWERDYNAMICS-PD-515R-6 Datasheet
45Kb / 1P
NEMA 5-15R; 6.4 Q.C TAB SNAP IN PANEL MOUNT RECEPTACLE
More results

Similar Description - PD-515P-SW

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
10060 POWERDYNAMICS-10060 Datasheet
54Kb / 1P
AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C19, 250cm LONG
logo
Honeywell Accelerometer...
2DM409 HONEYWELL-ACC-2DM409 Datasheet
169Kb / 3P
Snap-in Panel Mount
logo
P-tec Corporation
PL318-1GY1301-2 P-TEC-PL318-1GY1301-2 Datasheet
31Kb / 1P
Snap-In Panel Mount Indicator
PL318-1R12-2 P-TEC-PL318-1R12-2_14 Datasheet
30Kb / 1P
Snap-In Panel Mount Indicator
PL31814-1G13 P-TEC-PL31814-1G13_14 Datasheet
30Kb / 1P
Snap-In Panel Mount Indicator
PL31814-1R12 P-TEC-PL31814-1R12_14 Datasheet
30Kb / 1P
Snap-In Panel Mount Indicator
logo
PowerDynamics, Inc
PD-20-2 POWERDYNAMICS-PD-20-2 Datasheet
116Kb / 1P
NEMA 5-15R / 5-20R; IDC TYPE SNAP IN PANEL MOUNT RECEPTACLE
PD-515R-6 POWERDYNAMICS-PD-515R-6 Datasheet
45Kb / 1P
NEMA 5-15R; 6.4 Q.C TAB SNAP IN PANEL MOUNT RECEPTACLE
PD-515R-SW POWERDYNAMICS-PD-515R-SW Datasheet
104Kb / 1P
NEMA 5-15R SNAP IN OUTLET;SHORT BODY PANEL MOUNT; WITH 152mm LONG WIRES; STRIP & RETAIN
PD-520R-6 POWERDYNAMICS-PD-520R-6 Datasheet
1Mb / 1P
NEMA 5-15R /5-20R; 6.4 Q.C TAB SNAP IN PANEL MOUNT RECEPTACLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com