Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB83340 Datasheet(PDF) 3 Page - SMSC Corporation

Part # USB83340
Description  Automotive USB Transceiver withVariable Voltage ULPI and Selectable Reference Frequency
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB83340 Datasheet(HTML) 3 Page - SMSC Corporation

  USB83340 Datasheet HTML 1Page - SMSC Corporation USB83340 Datasheet HTML 2Page - SMSC Corporation USB83340 Datasheet HTML 3Page - SMSC Corporation USB83340 Datasheet HTML 4Page - SMSC Corporation USB83340 Datasheet HTML 5Page - SMSC Corporation USB83340 Datasheet HTML 6Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Automotive USB Transceiver with Variable Voltage ULPI and Selectable Reference Frequency
SMSC USB83340
3
Revision 1.1 (05-05-10)
PRODUCT PREVIEW
General Description
SMSC’s USB83340 is a Hi-Speed USB 2.0 transceiver that provides a configurable physical layer
(PHY) solution well suited for automotive applications.
The frequency of the reference clock is user selectable. The USB83340 includes an internal oscillator
that may be used with either a quartz crystal or a ceramic resonator. Alternatively, the crystal input can
be driven by an external clock oscillator. Another option is the use of a 60 MHz external clock when
using the ULPI Clock In mode.
Several advanced features make the USB83340 the transceiver of choice by reducing both eBOM part
count and printed circuit board (PCB) area. Outstanding ESD robustness eliminates the need for
external ESD protection devices in typical applications. The internal Over-Voltage Protection circuit
(OVP) protects the USB83340 from voltages up to 30 V on the VBUS pin. By using a reference clock
from the Link, the USB83340 removes the cost of a dedicated crystal reference from the design, and
the integrated USB switch enables unique product features with a single USB port of connection. The
USB83340 includes integrated 3.3 V and 1.8 V regulators, making it possible to operate the device
from a single power supply.
The USB83340 is optimized for use in applications where a low operating current and standby currents
are essential. The USB83340 operates from a single supply and includes integrated regulators for its
supplies. The USB83340 also supports the Link Power Management protocol (LPM) to further reduce
USB operating currents.
The USB83340 also includes integrated battery charger detection circuitry. These circuits are used to
detect the attachment of a USB charger. By sensing the attachment to a USB charger, a product using
the USB83340 can draw more than 500 mA from the USB connector.
The USB83340 meets all of the electrical requirements for a Hi-Speed USB host, device, or an On-
the-Go (OTG) transceiver. In addition to the supporting USB signaling, the USB83340 also provides
USB UART mode and USB audio mode.
USB83340 uses the industry standard UTMI+ Low Pin Interface (ULPI) to connect the USB PHY to
the Link. ULPI uses a method of in-band signaling and status byte transfers between the Link and PHY
to facilitate a USB session with only twelve pins.
The USB83340 uses SMSC’s “wrapper-less” technology to implement the ULPI interface. This
“wrapper-less” technology allows the PHY to achieve a low latency transmit and receive time. SMSC’s
low latency transceiver allows an existing UTMI Link to be reused by adding a UTMI to ULPI bridge.
By adding a bridge to the ASIC the existing and proven UTMI Link IP can be reused.
The USB83340 includes an integrated 3.3 V LDO regulator that may optionally be used to generate
3.3 V from power applied to the VBAT pin. The voltage on the VBAT pin can range from 4.5 to 5.5 V.
The VBAT and VDD33 pins should never be connected together.
In USB UART mode, the USB83340 DP and DM pins are redefined to enable pass-through of
asynchronous serial data. The USB83340 will enter UART mode when programmed.
In USB audio mode, a switch connects the DP pin to the SPK_R pin, and another switch connects the
DM pin to the SPK_L pin. The USB83340 can be configured to enter USB audio mode. In addition,
these switches are on when the RESETB pin of the USB83340 is asserted. The USB audio mode
enables audio signaling from a single USB port of connection, and the switches may also be used to
connect Full-Speed USB from another transceiver to the USB connector.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com