Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB02 Datasheet(PDF) 1 Page - Lumberg

Part # KB02
Description  Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

KB02 Datasheet(HTML) 1 Page - Lumberg

  KB02 Datasheet HTML 1Page - Lumberg KB02 Datasheet HTML 2Page - Lumberg KB02 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
65 KB
01/2018
1
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
Socket board, upright, solder pins single row, consecutive
placement without loss of pitch
Approvals:
PS
Q
K
U A
R
L
A
I
M
T Y
E N
E C
MAT
R
I
I
O
F
N
N
D
O
E
C
L
E
A
D
F
N
A
O
B
IT
PS
Q
K
U A
R
L
A
I
M
T Y
E N
E C
MAT
R
I
I
O
F
N
N
D
O
E
C
L
E
A
D
F
N
A
O
B
IT
of 3


Similar Part No. - KB02

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
KB021 PICO-KB021 Datasheet
1Mb / 17P
6 GHz vector network analyzer
logo
Nihon Kaiheiki Industry...
KB02KW01-01 NKK-KB02KW01-01 Datasheet
162Kb / 5P
Complement to KB Pushbuttons
KB02KW01-05 NKK-KB02KW01-05 Datasheet
162Kb / 5P
Complement to KB Pushbuttons
KB02KW01-12 NKK-KB02KW01-12 Datasheet
162Kb / 5P
Complement to KB Pushbuttons
KB02KW01-24 NKK-KB02KW01-24 Datasheet
162Kb / 5P
Complement to KB Pushbuttons
More results

Similar Description - KB02

ManufacturerPart #DatasheetDescription
logo
Lumberg
KBQ LUMBERG-KBQ Datasheet
548Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KBW LUMBERG-KBW Datasheet
421Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KBWO LUMBERG-KBWO Datasheet
447Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KREG LUMBERG-KREG Datasheet
611Kb / 3P
Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KRESL LUMBERG-KRESL Datasheet
551Kb / 3P
Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KRMO LUMBERG-KRMO Datasheet
375Kb / 3P
Screw terminal blocks, pitch 3.5/5.0/10.0 mm
KS02 LUMBERG-KS02 Datasheet
440Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KSC LUMBERG-KSC Datasheet
441Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KB LUMBERG-KB Datasheet
546Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
KS LUMBERG-KS Datasheet
452Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com