Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBW Datasheet(PDF) 2 Page - Lumberg

Part # KBW
Description  Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

KBW Datasheet(HTML) 2 Page - Lumberg

  KBW Datasheet HTML 1Page - Lumberg KBW Datasheet HTML 2Page - Lumberg KBW Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
65 KBW
01/2018
2
*a
*b
*a
bore hole of printed circuit board Ø 1.3 mm
*b
printed circuit board layout, solder side view
Environmental conditions
Temperature range
-25 °C/+100 °C
Materials
Insulating body
PA, V-2 according to UL94
Contact spring
CuSn, pre-nickel and tin-plated
Mechanical data
Insertion force/contact
≤ 2,5 N
Withdrawal force/contact
≥ 1,5 N
Electrical data (at Tamb 20 °C)
Rated current
10 A
Rated voltage
250 V AC
Rated impulse voltage
3 kV/60 s
Tracking resistance
CTI 600
Creepage distance
≥ 4,0 mm
Clearance
≥ 4,0 mm
Associated products
Counterparts
�
KS
�
KSC
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com