Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7613 Datasheet(PDF) 15 Page - Exar Corporation

Part # MP7613
Description  Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address mP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7613 Datasheet(HTML) 15 Page - Exar Corporation

Back Button MP7613 Datasheet HTML 8Page - Exar Corporation MP7613 Datasheet HTML 9Page - Exar Corporation MP7613 Datasheet HTML 10Page - Exar Corporation MP7613 Datasheet HTML 11Page - Exar Corporation MP7613 Datasheet HTML 12Page - Exar Corporation MP7613 Datasheet HTML 13Page - Exar Corporation MP7613 Datasheet HTML 14Page - Exar Corporation MP7613 Datasheet HTML 15Page - Exar Corporation MP7613 Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MP7613
15
Rev. 2.00
A
0.165
0.180
4.19
4.57
A1
0.100
0.110
2.54
2.79
A2
0.148
0.156
3.76
3.96
B
0.013
0.021
0.330
0.553
C
0.097
0.0103
0.246
0.261
D
0.685
0.695
17.40
17.65
D1 (1)
0.650
0.654
16.51
16.61
D2
0590
0.630
14.99
16.00
D3
0.500 Ref
12.70 Ref.
e1
0.050 BSC
1.27 BSC
44 LEAD PLASTIC LEADED CHIP CARRIER
(PLCC)
P44
SYMBOL
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
1
D
D1
D2
B
e1
A
A1
C
D
D1
D3
Seating
Plane
Note:
(1)
Dimension D1 does not include mold protrusion.
Allowed mold protrusion is 0.254 mm/0.010 in.
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com