Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT861T Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74FCT861T
Description  Fast CMOS Bus Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT861T Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74FCT861T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT861T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT861T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT861T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT861T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT861T Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PI74FCT861T/863T/864T
BUS TRANSCEIVERS
3
PS2026A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature .................................................................... –65°C to +150°C
Ambient Temperature with Power Applied .....................................-40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) .............. –0.5Vto+7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ........... –0.5Vto+7.0V
DC Input Voltage ............................................................................ –0.5Vto+7.0V
DC Output Current ..................................................................................... 120mA
Power Dissipation .......................................................................................... 0.5W
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions above those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute maximum rating conditions for
extended periods may affect reliability.
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ± 5%)
Parameters Description
TestConditions
(1)
Min.
Typ
(2)
Max.
Units
VOH
Output HIGH Voltage
VCC = Min., VIN = VIH or VIL
IOH = –15.0 mA
2.4
3.0
V
VOL
Output LOW Current
VCC = Min., VIN = VIH or VIL
IOL = 48 mA
0.3
0.50
V
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current
VCC= Max.
VIN = VCC
1µA
IIL
Input LOW Current
VCC= Max.
VIN = GND
–1
µA
IOZH
High Impedance
VCC = Max.
VOUT = 2.7V
1
µA
IOZL
Output Current
VOUT = 0.5V
–1
µA
II
Input HIGH Current
VCC = Max., VIN = VCC (Max.)
20
µA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max.
(3),VOUT =GND
–60
–120
mA
IOFF
Power Down Disable
VCC= GND, VOUT = 4.5V
—
—
100
µA
VH
Input Hysteresis
200
mV
Capacitance (TA = 25°C, f = 1 MHz)
Parameters
(4)
Description
Test Conditions
Typ
Max.
Units
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT=0V
8
12
pF
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is determined by device characterization but is not production tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com