Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54679FP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M54679FP
Description  2-PHASE STEPPER MOTOR DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54679FP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54679FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54679FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54679FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54679FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54679FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M54679FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M54679FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M54679FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M54679FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2-PHASE STEPPER MOTOR DRIVER
M54679FP
MITSUBISHI <CONTROL / DRIVER IC>
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
V
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C unless otherwise noted.)
Symbol
Conditions
Units
Parameter
Vm
Motor supply voltage
-0.3 – 37
PIN FUNCTION
Iout
VCC
Vlogic
Vanalog
Pd
K
θ
Tj
Topr
Ratings
V
Output current
Per one phase
±0.8
V
Power supply
A
-0.3 – VCC
V
Analog input voltage
W
Under board mount condition.
(see next page)
1.5
°C/W
Power dissipation
2.7
°C
Thermal derating
46
°C
Junction temperature
°C
Operating temperature
150
-20 – 75
Rs1, Rs2
Ph1A, Ph1B, Ph2A, Ph2B, I0, I1, Stby
Vref, S1, S2
Tstg
Storage temperature
Logic input voltage
-40 – 125
Terminal
Function
Symbol
Motor Supply Voltage
Output terminals
Current sensor
Power supply
Phase input
Output current change
Standby input
Sense inputs
Vref input
Power supply for motor drive.
Motor drive output terminals.
Output current sensing resistor (Rs) connection terminals.
Control circuit power supply.
Output current direction switch terminals.
Output current change (100%, 70%, 33%, 0%) terminals.
Standby input (L: Standby, H or open: motor function) terminal.
Input voltage terminal of comparators.
Reference voltage due to setting output current.
Vm1, Vm2
Vref
S1, S2
Stby
I0(1), I1(1), I0(2), I1(2)
Ph1A, Ph1B, Ph2A, Ph2B
VCC
Rs1, Rs2
Out1A, Out1B, Out2A, Out2B
VRs
Output current sensing
-0.3 – 7.0
-0.3 – VCC
V
Regout
Fref
P.GND
Output of voltage stabilizer
A capacitor for oscillator
Power GND
Output of voltage stabilizer (3.5V).
A capacitor due to PWM carrier frequency.
The GND terminal of bottom side flywheel diodes.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com