Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD86336Q3D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CSD86336Q3D
Description  Synchronous Buck NexFET Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD86336Q3D Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD86336Q3D Datasheet HTML 4Page - Texas Instruments CSD86336Q3D Datasheet HTML 5Page - Texas Instruments CSD86336Q3D Datasheet HTML 6Page - Texas Instruments CSD86336Q3D Datasheet HTML 7Page - Texas Instruments CSD86336Q3D Datasheet HTML 8Page - Texas Instruments CSD86336Q3D Datasheet HTML 9Page - Texas Instruments CSD86336Q3D Datasheet HTML 10Page - Texas Instruments CSD86336Q3D Datasheet HTML 11Page - Texas Instruments CSD86336Q3D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Qg - Gate Charge (nC)
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
D014
Qg - Gate Charge (nC)
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
D015
VGS - Gate-to-Source Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
0.001
0.01
0.1
1
10
100
D012
TC = 125°C
TC = 25°C
TC = -55°C
VGS - Gate-to-Source Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
0.001
0.01
0.1
1
10
100
D013
TC = 125°C
TC = 25°C
TC = -55°C
VDS - Drain-to-Source Voltage (V)
0
0.3
0.6
0.9
1.2
1.5
1.8
0
10
20
30
40
50
60
70
80
90
100
D010
VGS = 4.5 V
VGS = 6 V
VGS = 8.0 V
VDS - Drain-to-Source Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
10
20
30
40
50
60
70
80
90
100
D011
VGS = 4.5 V
VGS = 6 V
VGS = 8.0 V
8
CSD86336Q3D
SLPS666 – MARCH 2018
www.ti.com
Product Folder Links: CSD86336Q3D
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5.8 Typical Power Block MOSFET Characteristics
TA = 25°C, unless stated otherwise.
Figure 8. Control MOSFET Saturation
Figure 9. Sync MOSFET Saturation
VDS = 5 V
Figure 10. Control MOSFET Transfer
VDS = 5 V
Figure 11. Sync MOSFET Transfer
ID = 14 A
VDD = 12.5 V
Figure 12. Control MOSFET Gate Charge
ID = 14 A
VDD = 12.5 V
Figure 13. Sync MOSFET Gate Charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com