Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD86336Q3DT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CSD86336Q3DT
Description  Synchronous Buck NexFET Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD86336Q3DT Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD86336Q3DT Datasheet HTML 3Page - Texas Instruments CSD86336Q3DT Datasheet HTML 4Page - Texas Instruments CSD86336Q3DT Datasheet HTML 5Page - Texas Instruments CSD86336Q3DT Datasheet HTML 6Page - Texas Instruments CSD86336Q3DT Datasheet HTML 7Page - Texas Instruments CSD86336Q3DT Datasheet HTML 8Page - Texas Instruments CSD86336Q3DT Datasheet HTML 9Page - Texas Instruments CSD86336Q3DT Datasheet HTML 10Page - Texas Instruments CSD86336Q3DT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Output Voltage (V)
0.3
0.8
1.3
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
0.8
-2.0
0.9
-1.0
1.0
0.0
1.1
1.0
1.2
2.0
1.3
2.9
1.4
3.9
1.5
4.9
1.6
5.9
D008
Output Inductance (nH)
50
200
350
500
650
800
950
1100
0.98
-0.2
0.99
-0.1
1.00
0.0
1.01
0.1
1.02
0.2
1.03
0.3
1.04
0.4
1.05
0.5
1.06
0.6
1.07
0.7
1.08
0.8
D009
Switching Frequency (kHz)
100
300
500
700
900
1100
1300
1500
1700
0.90
-1.0
0.95
-0.5
1.00
0.0
1.05
0.5
1.10
1.0
1.15
1.5
1.20
2.0
1.25
2.4
1.30
2.9
1.35
3.4
1.40
3.9
D006
Input Voltage (V)
0
2
4
6
8
10
12
14
16
18
0.90
-1.0
0.95
-0.5
1.00
0.0
1.05
0.5
1.10
1.0
1.15
1.5
1.20
2.0
1.25
2.4
1.30
2.9
D007
7
CSD86336Q3D
www.ti.com
SLPS666 – MARCH 2018
Product Folder Links: CSD86336Q3D
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Power Block Device Characteristics (continued)
Test conditions: VIN = 12 V, VDD = 5 V, ƒSW = 500 kHz, VOUT = 1.3 V, LOUT = 0.95 µH, IOUT = 20 A, TJ = 125°C, unless stated
otherwise.
Figure 4. Normalized Power Loss vs Switching Frequency
Figure 5. Normalized Power Loss vs Input Voltage
Figure 6. Normalized Power Loss vs Output Voltage
Figure 7. Normalized Power Loss vs Output Inductance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com