Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B110R Datasheet(PDF) 82 Page - Cypress Semiconductor

Part # MB9B110R
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B110R Datasheet(HTML) 82 Page - Cypress Semiconductor

Back Button MB9B110R Datasheet HTML 78Page - Cypress Semiconductor MB9B110R Datasheet HTML 79Page - Cypress Semiconductor MB9B110R Datasheet HTML 80Page - Cypress Semiconductor MB9B110R Datasheet HTML 81Page - Cypress Semiconductor MB9B110R Datasheet HTML 82Page - Cypress Semiconductor MB9B110R Datasheet HTML 83Page - Cypress Semiconductor MB9B110R Datasheet HTML 84Page - Cypress Semiconductor MB9B110R Datasheet HTML 85Page - Cypress Semiconductor MB9B110R Datasheet HTML 86Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 117 page
background image
Document Number: 002-05622 Rev. *D
Page
82 of 117
MB9B110R Series
NAND Flash Mode
(VCC = 2.7V to 5.5V, VSS = 0V, TA = -40°C to +85°C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
MNREX
Min pulse width
tNREW
MNREX
VCC ≥ 4.5 V
MCLK×n-3
-
ns
VCC < 4.5 V
Data setup →
MNREX ↑ time
tDS – NRE
MNREX
MADATA[15:0]
VCC ≥ 4.5 V
20
-
ns
VCC < 4.5 V
38
-
MNREX ↑ →
Data hold time
tDH – NRE
MNREX
MADATA[15:0]
VCC ≥ 4.5 V
0
-
ns
VCC < 4.5 V
MNALE ↑ →
MNWEX delay time
tALEH - NWEL
MNALE
MNWEX
VCC ≥ 4.5 V
MCLK×m-9
MCLK×m+9
ns
VCC < 4.5 V
MCLK×m-12
MCLK×m+12
MNALE ↓ →
MNWEX delay time
tALEL - NWEL
MNALE
MNWEX
VCC ≥ 4.5 V
MCLK×m-9
MCLK×m+9
ns
VCC < 4.5 V
MCLK×m-12
MCLK×m+12
MNCLE ↑ →
MNWEX delay time
tCLEH - NWEL
MNCLE
MNWEX
VCC ≥ 4.5 V
MCLK×m-9
MCLK×m+9
ns
VCC < 4.5 V
MCLK×m-12
MCLK×m+12
MNWEX ↑ →
MNCLE delay time
tNWEH - CLEL
MNCLE
MNWEX
VCC ≥ 4.5 V
0
MCLK×m+9
ns
VCC < 4.5 V
MCLK×m+12
MNWEX
Min pulse width
tNWEW
MNWEX
VCC ≥ 4.5 V
MCLK×n-3
-
ns
VCC < 4.5 V
MNWEX ↓ →
Data delay time
tNWEL – DV
MNWEX
MADATA[15:0]
VCC ≥ 4.5 V
-
9
+ 9
ns
VCC < 4.5 V
-
12
+12
MNWEX ↑ →
Data hold time
tNWEH – DX
MNWEX
MADATA[15:0]
VCC ≥ 4.5 V
0
MCLK×m+9
ns
VCC < 4.5 V
MCLK×m+12
Note:
− When the external load capacitance = 30 pF. (m=0 to 15, n=1 to 16)
NAND Flash Read
MCLK
MNREX
MADATA[15:0]
Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com