Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C3437 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3437
Description  SMA Male Right Angle to BNC Male Cable Using RG188 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3437 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3437 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3437 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3437 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3437 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male Right Angle
• Connector 2: BNC Male
• Cable Type: RG188
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.4:1
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Max.)
1.05
1.13
dB/ft
3.44
3.71
dB/m
Insertion Loss (Typ.)
0.25
0.325
dB/ft
0.82
1.07
dB/m
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
RG188
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to BNC Male Cable Using RG188 Coax PE3C3437
PE3C3437 REV 1.0
SMA Male Right Angle to BNC Male Cable Using RG188 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3437


Similar Part No. - PE3C3437

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3437-12 PASTERNACK-PE3C3437-12 Datasheet
360Kb / 4P
SMA Male Right Angle to BNC Male Cable 12 Inch Length Using RG188 Coax
PE3C3437-18 PASTERNACK-PE3C3437-18 Datasheet
360Kb / 4P
SMA Male Right Angle to BNC Male Cable 18 Inch Length Using RG188 Coax
PE3C3437-24 PASTERNACK-PE3C3437-24 Datasheet
360Kb / 4P
SMA Male Right Angle to BNC Male Cable 24 Inch Length Using RG188 Coax
PE3C3437-36 PASTERNACK-PE3C3437-36 Datasheet
360Kb / 4P
SMA Male Right Angle to BNC Male Cable 36 Inch Length Using RG188 Coax
PE3C3437-48 PASTERNACK-PE3C3437-48 Datasheet
360Kb / 4P
SMA Male Right Angle to BNC Male Cable 48 Inch Length Using RG188 Coax
More results

Similar Description - PE3C3437

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2034 PASTERNACK-PE3C2034 Datasheet
363Kb / 4P
BNC Male to BNC Male Cable Using RG188 Coax
PE3C2035 PASTERNACK-PE3C2035 Datasheet
362Kb / 4P
SMA Male to BNC Male Cable Using RG188 Coax
PE3C3437-6 PASTERNACK-PE3C3437-6 Datasheet
360Kb / 4P
SMA Male Right Angle to BNC Male Cable 6 Inch Length Using RG188 Coax
PE3C3437-12 PASTERNACK-PE3C3437-12 Datasheet
360Kb / 4P
SMA Male Right Angle to BNC Male Cable 12 Inch Length Using RG188 Coax
PE3C3437-18 PASTERNACK-PE3C3437-18 Datasheet
360Kb / 4P
SMA Male Right Angle to BNC Male Cable 18 Inch Length Using RG188 Coax
PE3C3437-24 PASTERNACK-PE3C3437-24 Datasheet
360Kb / 4P
SMA Male Right Angle to BNC Male Cable 24 Inch Length Using RG188 Coax
PE3C3437-36 PASTERNACK-PE3C3437-36 Datasheet
360Kb / 4P
SMA Male Right Angle to BNC Male Cable 36 Inch Length Using RG188 Coax
PE3C3437-48 PASTERNACK-PE3C3437-48 Datasheet
360Kb / 4P
SMA Male Right Angle to BNC Male Cable 48 Inch Length Using RG188 Coax
PE3C3437-60 PASTERNACK-PE3C3437-60 Datasheet
360Kb / 4P
SMA Male Right Angle to BNC Male Cable 60 Inch Length Using RG188 Coax
PE3C3437-72 PASTERNACK-PE3C3437-72 Datasheet
360Kb / 4P
SMA Male Right Angle to BNC Male Cable 72 Inch Length Using RG188 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com