Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP339UG Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TP339UG
Description  THERMOPILE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TP339UG Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TP339UG Datasheet HTML 3Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 4Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 5Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 6Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 7Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 8Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 9Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 10Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
THERMOPILE
Part No:
80-01-00008
Type:
TP339UG
Microelectronics Business Division
2003.01
7 / 16
OPTO TECH CORPORATION
Tel:
886-3-5638951
Fax: 886-3-5783696
http://www.opto.com.tw
Since 1983
OPTO TECH
Temp.(C) min.(K
Ω) typical(KΩ) max.(KΩ)
Temp.(C) min.(K
Ω)typical(KΩ) max.(KΩ)
8.2
207.1
214.4
221.7
12.3
171.0
176.8
182.6
8.3
206.2
213.4
220.6
12.4
170.2
175.9
181.8
8.4
205.2
212.4
219.6
12.5
169.4
175.1
180.9
8.5
204.2
211.4
218.5
12.6
168.6
174.3
180.1
8.6
203.2
210.3
217.5
12.7
167.8
173.5
179.2
8.7
202.3
209.4
216.5
12.8
167.0
172.7
178.4
8.8
201.3
208.4
215.4
12.9
166.3
171.9
177.6
8.9
200.4
207.4
214.4
13.0
165.5
171.1
176.7
9.0
199.4
206.4
213.4
13.1
164.8
170.3
175.9
9.1
198.5
205.4
212.4
13.2
164.0
169.5
175.1
9.2
197.6
204.4
211.4
13.3
163.2
168.8
174.3
9.3
196.6
203.5
210.4
13.4
162.5
168.0
173.5
9.4
195.7
202.5
209.4
13.5
161.8
167.2
172.7
9.5
194.8
201.6
208.4
13.6
161.0
166.4
171.9
9.6
193.9
200.6
207.4
13.7
160.3
165.7
171.1
9.7
193.0
199.7
206.4
13.8
159.5
164.9
170.3
9.8
192.1
198.7
205.4
13.9
158.8
164.1
169.5
9.9
191.2
197.8
204.4
14.0
158.1
163.4
168.7
10.0
190.3
196.9
203.5
14.1
157.4
162.6
167.9
10.1
189.4
195.9
202.5
14.2
156.6
161.9
167.2
10.2
188.5
195.0
201.6
14.3
155.9
161.1
166.4
10.3
187.6
194.1
200.6
14.4
155.2
160.4
165.6
10.4
186.8
193.2
199.7
14.5
154.5
159.7
164.9
10.5
185.9
192.3
198.7
14.6
153.8
158.9
164.1
10.6
185.0
191.4
197.8
14.7
153.1
158.2
163.3
10.7
184.2
190.5
196.9
14.8
152.4
157.5
162.6
10.8
183.3
189.6
195.9
14.9
151.7
156.8
161.8
10.9
182.4
188.7
195.0
15.0
151.0
156.1
161.1
11.0
181.6
187.8
194.1
15.1
150.3
155.3
160.4
11.1
180.7
186.9
193.2
15.2
149.7
154.6
159.6
11.2
179.9
186.1
192.3
15.3
149.0
153.9
158.9
11.3
179.1
185.2
191.4
15.4
148.3
153.2
158.2
11.4
178.2
184.3
190.5
15.5
147.6
152.5
157.4
11.5
177.4
183.5
189.6
15.6
147.0
151.8
156.7
11.6
176.6
182.6
188.7
15.7
146.3
151.1
156.0
11.7
175.8
181.8
187.8
15.8
145.6
150.5
155.3
11.8
175.0
180.9
186.9
15.9
145.0
149.8
154.6
11.9
174.1
180.1
186.1
16.0
144.3
149.1
153.9
12.0
173.3
179.2
185.2
16.1
143.7
148.4
153.2
12.1
172.5
178.4
184.3
16.2
143.0
147.7
152.5
12.2
171.7
177.6
183.5
16.3
142.4
147.1
151.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com