Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847BVC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC847BVC
Description  NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BVC Datasheet(HTML) 1 Page - Diodes Incorporated

  BC847BVC Datasheet HTML 1Page - Diodes Incorporated BC847BVC Datasheet HTML 2Page - Diodes Incorporated BC847BVC Datasheet HTML 3Page - Diodes Incorporated BC847BVC Datasheet HTML 4Page - Diodes Incorporated BC847BVC Datasheet HTML 5Page - Diodes Incorporated BC847BVC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BC847BVC
Document number: DS30638 Rev. 6 - 2
1 of 6
www.diodes.com
April 2017
© Diodes Incorporated
BC847BVC
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
BVCEO > 45V
Ultra-Small Surface Mount Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and
Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT563
Case Material: Molded Plastic, "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 Matte Tin Finish. Solderable per MIL-STD-
202, Method 208
Weight 0.002 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
BC847BVC-7
AEC-Q101
4VK
7
8mm
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2017
2018
2019
2020
2021
2022
2023
2024
2025
2026
2027
Code
E
F
G
H
I
J
K
L
M
N
O
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Bottom View
Device Schematic
C
1
B
2
E2
C2
E1
B1
4VK = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: E = 2017)
M = Month (ex: 9 = September)
4VK
YM
e3


Similar Part No. - BC847BVC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BVC DIODES-BC847BVC Datasheet
182Kb / 3P
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30638 Rev. 3 - 2
BC847BVC DIODES-BC847BVC Datasheet
110Kb / 4P
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30638 Rev. 5 - 2
BC847BVC-7 DIODES-BC847BVC-7 Datasheet
182Kb / 3P
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30638 Rev. 3 - 2
BC847BVC DIODES-BC847BVC_09 Datasheet
110Kb / 4P
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30638 Rev. 5 - 2
BC847BVC DIODES-BC847BVC_15 Datasheet
110Kb / 4P
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 5
More results

Similar Description - BC847BVC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT3904 DIODES-MMDT3904 Datasheet
60Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 7 - 2
MMDT4124 DIODES-MMDT4124 Datasheet
46Kb / 2P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30164 Rev. C-1
MMDT2222V DIODES-MMDT2222V Datasheet
69Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 2 - 0
MMDT3904 DIODES-MMDT3904_1 Datasheet
121Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 11 - 2
MMDT4401 DIODES-MMDT4401_08 Datasheet
178Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 13 - 2
BC847BVC DIODES-BC847BVC_09 Datasheet
110Kb / 4P
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30638 Rev. 5 - 2
MMDT4124 DIODES-MMDT4124_15 Datasheet
79Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 10
MMDT4401 DIODES-MMDT4401_15 Datasheet
178Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 13
IMX8 DIODES-IMX8_15 Datasheet
125Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 8
MMDT3904VC DIODES-MMDT3904VC_15 Datasheet
450Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com